Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA640 Datasheet (PDF) - List of Unclassifed Manufacturers

2SA640 Datasheet PDF - List of Unclassifed Manufacturers
Part # 2SA640
Download  2SA640 Download
File Size   50.72 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PNP SILICON EPITAXICAL TRANSISTOR(Alumina Passivation)

2SA640 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA640 Datasheet PDF - List of Unclassifed Manufacturers

Part # 2SA640
Download  2SA640 Click to download

File Size   50.72 Kbytes
Page   1 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description PNP SILICON EPITAXICAL TRANSISTOR(Alumina Passivation)

2SA640 Datasheet (HTML) - List of Unclassifed Manufacturers


2SA640 Product details

FEATURES
High current gain: hFE=450 (Ic=-0.5mA) TYP.
Low noise : NF=1.5dB (f=100Hz) TYP.




Similar Part No. - 2SA640

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA641 ETC-2SA641 Datasheet
39Kb / 1P
PNP SILICON EPITAXIAL TRANSISTOR
logo
Micro Electronics
2SA641 MICRO-ELECTRONICS-2SA641 Datasheet
84Kb / 1P
Low Level and General Purpose Amplifiers
logo
List of Unclassifed Man...
2SA642 ETC-2SA642 Datasheet
82Kb / 2P
LOW FREQUENCY POWER AMPLIFIER
2SA643 ETC-2SA643 Datasheet
82Kb / 2P
Transistors LOW FREQUENCY POWER AMPLIFIER
logo
Inchange Semiconductor ...
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SA640

ManufacturerPart #DatasheetDescription
logo
Vishay Barry
TVC1907CT-XXXXJN-93 BARRY-TVC1907CT-XXXXJN-93 Datasheet
164Kb / 1P
Alumina
Rev.C 02/12/08
RP0702BA-5R00GN-90 BARRY-RP0702BA-5R00GN-90 Datasheet
121Kb / 1P
Alumina
09/23/08
RK0503ZZ-XXXXWN-AA BARRY-RK0503ZZ-XXXXWN-AA Datasheet
173Kb / 1P
Alumina
09/11/07
ABC2010CT-2000JN-94-11 BARRY-ABC2010CT-2000JN-94-11 Datasheet
71Kb / 1P
Alumina
08/31/11
AT0405ZZ-XXXXJN-91 BARRY-AT0405ZZ-XXXXJN-91 Datasheet
85Kb / 1P
Alumina
03/17/11
ATC2010CT-0050JN-93 BARRY-ATC2010CT-0050JN-93 Datasheet
123Kb / 1P
Alumina
Rev.A 08/05/08
ATC2010CT-0400JN-93 BARRY-ATC2010CT-0400JN-93 Datasheet
77Kb / 1P
Alumina
Rev.00 02/04/13
ATC2010CT-2000JN-93 BARRY-ATC2010CT-2000JN-93 Datasheet
128Kb / 1P
Alumina
Rev.B 08/08/08
AV0405GA-0600JN-91 BARRY-AV0405GA-0600JN-91 Datasheet
174Kb / 1P
ALUMINA
10/11/06
ATC2525CT-0300JN-94 BARRY-ATC2525CT-0300JN-94 Datasheet
72Kb / 1P
Alumina
01/23/13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com