Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet (PDF) - Texas Instruments

XM33C321ASPZR Datasheet PDF - Texas Instruments
Part # XM33C321ASPZR
Download  XM33C321ASPZR Download
File Size   3938.34 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSPM33C321x Mixed-Signal Microcontrollers

XM33C321ASPZR Datasheet (PDF)

Go To PDF Page Download Datasheet
XM33C321ASPZR Datasheet PDF - Texas Instruments

Part # XM33C321ASPZR
Download  XM33C321ASPZR Click to download

File Size   3938.34 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSPM33C321x Mixed-Signal Microcontrollers

XM33C321ASPZR Datasheet (HTML) - Texas Instruments


XM33C321ASPZR Product details

1 Features
• Core
– 160MHz Arm® 32-bit Cortex®-M33 CPU with
TrustZone®, FPU, and DSP extensions
– 4kB instruction cache for 0 wait-state execution
• Operating characteristics
– Extended temperature: –40°C up to 125°C
– Wide supply voltage range: 1.71 V to 3.6 V
• Memories
– Up to 1MB of flash memory with error
correction code (ECC)
• Dual-bank with address swap
– 256kB of SRAM with ECC
– EEPROM operations using 32kB highendurance
data flash
• Security
– Immutable Root of Trust (RoT) in ROM,
supports secure firmware installation, boot and
key provisioning
– Global Security Controller with dynamic access
controls for flash, SRAM, and peripherals
– AES256 hardware accelerator with GCM
– SHA256 hardware accelerator with HMAC
– Public Key Accelerator (PKA)
– 32-bit true random number generator (TRNG)
• High-performance analog peripherals
– Two high-speed 9.4-Msps 12bit analog-todigital
converters (ADCs) with up to 36 external
channels
– Two high-speed/low-power comparators
(COMP)
– Two externally available 8-bit DACs
– Configurable 1.4V or 2.5V internal shared
voltage reference (VREF)
– Integrated temperature & supply monitor
• Optimized low-power modes
– RUN: 207μA/MHz (CoreMark)
– STANDBY: 16μA with CPU execution resume
and 64kB SRAM retention
– SHUTDOWN: <100nA with IO wake-up
capability
• Optimized digital peripherals
– Two DMA controllers with 16 total channels
– Nine timers support up to 30 PWM channels
• Two 16-bit advanced timers with deadband,
fault handling, and complementary pair
• Four 16-bit general-purpose timers
• One 32-bit general-purpose timer
• Two 16-bit general-purpose timer supporting
quadrature encoder interface
– One window-watchdog timer
– CRC16/32 module
• Enhanced communication interfaces
– Quad SPI (QSPI) for external memory up to
20Mbytes/s
– Two Controller Area Network (CAN) interfaces
support CAN 2.0A/B and CAN-FD
– Three configurable serial interfaces supporting
UART (LIN) or I2C (SMBus/PMBus)
– Four configurable serial interfaces supporting
UART, I2C, or SPI
– Two dedicated I2C interfaces support up to FM+
(1Mbit/s), SMBus/PMBus
– One dedicated SPI interface
– One dedicated UART interface supporting LIN,
IrDA, DALI, Smart Card, Manchester
– Two digital audio interfaces support full duplex
I2S and TDM (16-slots)
• VBAT island (auxiliary supply)
– Independent supply with dedicated VBAT pin
– Real-time clock (RTC)
– Three tamper detection IO with timestamp
– Independent watchdog timer (IWDT)
– 32B backup memory
• Clock system
– Internal 32MHz oscillator (SYSOSC)
– Phase-locked loop (PLL)
– Internal 32kHz oscillator (LFOSC)
– External 4 to 48MHz crystal oscillator (HFXT)
– External 32kHz crystal oscillator (LFXT)
– External clock input
• Flexible I/O features
– Up to 93 GPIOs
• Development support
– 2-pin serial wire debug (SWD)
• Package options
– 100-pin LQFP (0.4mm & 0.5mm pitch)
– 80-pin LQFP (0.5mm pitch)
– 64-pin LQFP (0.5mm pitch)
– 48-pin VQFN (0.5mm pitch)
– 100-pin nFBGA (0.8mm pitch)
• Family members (also see Device Comparison)
– MSPM33C321A: 1MB flash, 256KB SRAM
– MSPM33C3219: 512KB flash, 256KB SRAM
• Development kits and software (also see Tools
and Software)
– LaunchPad EVM LP-MSPM33C321A
– MSP Software Development Kit (SDK)

2 Applications
• Grid infrastructure
• Smart metering
• Communication modules
• Medical and healthcare
• Test and measurement
• Factory automation and control
• Motor control
• Home appliances
• Uninterruptible power supplies and inverters
• Electronic point of sale systems
• Industrial transport
• Lighting

3 Description
MSPM33C32xx micontrollers (MCUs) are part of the MSP general purpose 32-bit MCU family operating at up
to 160MHz based on the Arm® Cortex®-M33 32-bit core with Arm® TrustZone® technology, DSP, and FPU. This
family of MCUs features flexible communication interfaces, high-performance analog, and security accelerators.
The extended temperature range and wide supply voltage range make this family of MCUs suitable for a variaety
industrial, enterprise and personal electronics applications.
MSPM33C32xx MCUs provide up to 1MB of embbeded flash program memory and 256kB SRAM. An additional
high-endurance 32kB flash data bank is provided for application data storage. All memories feature built-in error
correction code (ECC) across the entire memory range to ensure robust operation across their entire lifetime.
MSPM33C32xx MCUs offer many different types of digital communication interfaces including CAN, I2S/TDM,
Quad SPI (QSPI), UART, I2C, and SPI. Configurable serial interfaces can be dynamically assigned in software
as UART, I2C and optionaly SPI. Flexilbity in configuraiton and pinout gives system designers a simple path to
support challenging requirments.
MSPM33C32xx MCUs also feature high performance integrated analog peripherals such as two 12bit 9.4 MSPS
simultaneous sampling ADC and two high-speed comparators. Comparators can be used internally for fault
detection with advanced timers or externally as low-power voltage monitors.
MSPM33C32xx MCUs contain a robust collection of security features. TrustZone technology and the Global
Security Controller provide a complete feature set to build secure applications. These devices also feature
an immutable root of trust (RoT) which provides secure boot, install and key provisioning out of the box.
MSPM33C32xx also includes hardware acceleration for AES, SHA and Public Key algorithms (RSA and ECC).
MSPM33C series of devices is pin-to-pin compatible with other MSPM33C devices in the same package.
MSPM33C series is also highly pin-to-pin compatible with MSPM0 devices. In scenerios where there are
differences between MSPM33C and MSPM0 devices users can use TI System Configurator or provided
documentation to understand how to navigate minor incompatibilities.
MSPM33C family of MCUs are supported by an extensive hardware and software ecosystem with reference
designs and code examples to get the design started quickly. Development kits include a LaunchPad available
for purchase. TI also provides a free MSP Software Development Kit (SDK), which is available as a component
of Code Composer Studio™ IDE desktop and cloud version within the TI Resource Explorer. MSPM33C MCUs
are also supported by extensive online collateral, training with MSP Academy, and online support through the TI
E2E™ support forums.




Similar Part No. - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
3Mb / 109P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPMRQ1 TI2-XM33C321AQPMRQ1 Datasheet
4Mb / 110P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 103P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 106P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
XM33C321AQPNRQ1 TI2-XM33C321AQPNRQ1 Datasheet
3Mb / 109P
MSPM33C321x-Q1 Automotive Mixed-Signal Microcontrollers
MARCH 2026
More results


Similar Description - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com