Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet (PDF) - Texas Instruments

XM33C321ASPZR Datasheet PDF - Texas Instruments
Part # XM33C321ASPZR
Download  XM33C321ASPZR Download
File Size   4385.19 Kbytes
Page   122 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSPM33C321x Mixed-Signal Microcontrollers

XM33C321ASPZR Datasheet (PDF)

Go To PDF Page Download Datasheet
XM33C321ASPZR Datasheet PDF - Texas Instruments

Part # XM33C321ASPZR
Download  XM33C321ASPZR Click to download

File Size   4385.19 Kbytes
Page   122 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSPM33C321x Mixed-Signal Microcontrollers

XM33C321ASPZR Datasheet (HTML) - Texas Instruments


XM33C321ASPZR Product details

1 Features
• Core
– 160MHz Arm® 32-bit Cortex®-M33 CPU with TrustZone®, FPU, and DSP extensions
– 4kB instruction cache for 0 wait-state execution
• Operating characteristics
– Extended temperature: –40°C up to 125°C
– Wide supply voltage range: 1.71V to 3.6V
• Memories
– Up to 1MB of flash memory with error correction code (ECC)
• Dual-bank with address swap
– 256kB of SRAM with ECC
– EEPROM operations using 32kB highendurance data flash
• Security
– Immutable Root of Trust (RoT) in ROM, supports secure firmware installation, boot and key provisioning
– Global Security Controller (GSC) with dynamic access controls for flash, SRAM, and peripherals
– AES256 hardware accelerator with GCM
– SHA256 hardware accelerator with HMAC
– Public Key Accelerator (PKA) supports ECC and RSA
– True random number generator (TRNG)
• High-performance analog peripherals
– Two high-speed simultaneous sampling 9.4Msps 12-bit analog-to-digital converters (ADCs) with up to 36 external channels
– Two high-speed/low-power comparators (COMP)
– Two externally available 8-bit DACs
– Configurable 1.4V or 2.5V internal shared voltage reference (VREF)
– Integrated temperature & supply monitor
• Optimized low-power modes
– RUN: 211μA/MHz (CoreMark)
– SLEEP: 3.8mA at 32MHz
– STOP: 143μA at 4MHz
– STANDBY: 8μA with CPU execution resume and 64kB SRAM retention
– SHUTDOWN: <100nA with IO wake-up capability




Similar Part No. - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XM33C321ASPZR TI2-XM33C321ASPZR Datasheet
3Mb / 113P
MSPM33C321x Mixed-Signal Microcontrollers
DECEMBER 2025
More results


Similar Description - XM33C321ASPZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com