Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 6 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 6 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 122 page
background image
5 Device Comparison
The following table summarizes the features of each device that is described in this data sheet.
Table 5-1. Device Comparison
DEVICE NAME(1)(2)(4)
FLASH /SRAM
SECURITY ACCELERATOR
ADC CHANNELS
CAN
GPIO
PACKAGE(3)
MSPM33C321ASPZR
1MB/256kB
AES, SHA, PKA
36
2
93
LQFP100
16mm x 16mm
0.5mm pin pitch
MSPM33C3219SPZR(5)
512kB/256kB
AES, SHA, PKA
36
2
93
MSPM33C321ASPFAR(5)
1MB/256kB
AES, SHA, PKA
36
2
93
LQFP100
14mm x 14mm
0.4mm pin pitch
MSPM33C3219SPFAR(5)
512kB/256kB
AES, SHA, PKA
36
2
93
MSPM33C321ASZAWR
1MB/256kB
AES, SHA, PKA
36
2
93
NFBGA100
9mm x 9mm
0.8mm ball pitch
MSPM33C3219SZAWR(5)
512kB/256kB
AES, SHA, PKA
35
2
93
MSPM33C321ASPNR(5)
1MB/256kB
AES, SHA, PKA
35
2
73
LQFP80
14mm x 14mm
0.5mm pin pitch
MSPM33C3219SPNR(5)
512kB/256kB
AES, SHA, PKA
35
2
73
MSPM33C321ASYSGR(5)
1MB/256kB
AES, SHA, PKA
33
2
68
WCSP79
3.6mm x 3.24mm
0.35mm ball pitch
MSPM33C3219SYSGR(5)
512kB/256kB
AES, SHA, PKA
33
2
68
MSPM33C321ASPMR(5)
1MB/256kB
AES, SHA, PKA
26
2
57
LQFP64
12mm x 12mm
0.5mm pin pitch
MSPM33C3219SPMR(5)
512kB/256kB
AES, SHA, PKA
26
2
57
MSPM33C321ASRGZR(5)
1MB/256kB
AES, SHA, PKA
21
2
41
VQFN48
7mm x 7mm
0.5mm pin pitch
MSPM33C3219SRGZR(5)
512kB/256kB
AES, SHA, PKA
21
2
41
(1)
For the most current part, package, and ordering information for all available devices, see the Package Option Addendum in Section 12, or see the TI website.
(2)
Device Qualifications:
•
S = –40°C to 125°C
(3)
For the package dimensions with tolerances, see Section 12.
(4)
For more information about the device name, see Section 10.2.
(5)
PRODUCT PREVIEW only
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com