Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 2 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 2 Page - Texas Instruments

  XM33C321ASPZR Datasheet HTML 1Page - Texas Instruments XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 122 page
background image
– LaunchPad EVM LP-MSPM33C321A
– MSP Software Development Kit (SDK)
2 Applications
• Data center
• Grid infrastructure
• Smart metering
• Communication modules
• Medical and healthcare
• Test and measurement
• Factory automation and control
• Motor control
• Home appliances
• Uninterruptible power supplies and inverters
• Electronic point of sale systems
• Industrial transport
• Lighting
3 Description
MSPM33C321x microcontrollers (MCUs) are part of the MSP general purpose 32-bit MCU family operating at up
to 160MHz based on the Arm®Cortex®-M33 32-bit core with Arm® TrustZone® technology, DSP, and FPU. This
family of MCUs features flexible communication interfaces, high-performance analog, and security accelerators.
The extended temperature range and wide supply voltage range make this family of MCUs suitable for a variety
of industrial, enterprise, and personal electronics applications.
MSPM33C321x MCUs provide up to 1MB of embedded flash program memory and 256kB SRAM. An additional
high-endurance 32kB flash data bank is provided for application data storage. All memories feature built-in error
correction code (ECC) across the entire memory range to ensure robust operation across their entire lifetime.
MSPM33C321x MCUs offer many different types of digital communication interfaces including CAN, I2S/TDM,
Quad SPI (QSPI), UART, I2C, and SPI. Configurable serial interfaces can be dynamically assigned in software
as UART, I2C and optionally SPI. Flexibility in configuration and pinout gives system designers a simple path to
support challenging requirements.
MSPM33C321x MCUs also feature high performance integrated analog peripherals such as two 12-bit 9.4Msps
simultaneous sampling ADC and two high-speed low-power comparators. Comparators can be used internally
for fault detection with advanced timers or externally as low-power voltage monitors.
MSPM33C321x MCUs contain a robust collection of security features. TrustZone technology and the Global
Security Controller (GSC) provide a complete feature set to build secure applications. These devices also
feature an immutable root of trust (RoT) which provides secure boot, install and key provisioning out of the box.
MSPM33C321x also includes hardware acceleration for AES, SHA and Public Key algorithms (RSA and ECC).
These devices provide an efficient Post Quantum Cryptography (PQC) software library support.
MSPM33C series of devices is pin-to-pin compatible with other MSPM33C devices in the same package.
MSPM33C series is also highly pin-to-pin compatible with MSPM0 devices. In scenarios where there are
differences between MSPM33C and MSPM0 devices users can use TI System Configurator or the migration
guide to understand how to navigate minor incompatibilities.
MSPM33C family of MCUs are supported by an extensive hardware and software ecosystem with reference
designs and code examples to get the design started quickly. Development kits include a LaunchPad available
for purchase. TI also provides a free MSP Software Development Kit (SDK), which is available as a component
of Code Composer Studio™ IDE desktop and cloud version within the TI Resource Explorer. MSPM33C MCUs
are also supported by extensive online collateral, training with MSP Academy, and online support through the TI
E2E™ support forums.
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
2
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com