Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 13 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments XM33C321ASPZR Datasheet HTML 12Page - Texas Instruments XM33C321ASPZR Datasheet HTML 13Page - Texas Instruments XM33C321ASPZR Datasheet HTML 14Page - Texas Instruments XM33C321ASPZR Datasheet HTML 15Page - Texas Instruments XM33C321ASPZR Datasheet HTML 16Page - Texas Instruments XM33C321ASPZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 122 page
background image
6.2 Pin Attributes
The following table describes the function available on every pin for each device package.
Note
Each digital I/O on a device is mapped to a specific Pin Control Management Register (PINCMx) that
lets users configure the desired Pin Function using the PINCM.PF control bits
Each digital I/O on a device is mapped to a specific Pin Control Management Register (PINCMx) which
allows users to configure the desired Pin Function using the PINCM.PF control bits. The IOMUX only supports
connecting one IOMUX-managed digital function to the pin at the same time. The PINCM.PF and PINCM.PC
in IOMUX are recommended to be set to 0 when non-IOMUX managed functions (such as analog connections)
are intended to be used on a pin. However, non-IOMUX managed signals (such as analog inputs and WAKE
inputs) can be enabled on a pin at the same time that an IOMUX managed digital function is enabled on the pin,
provided there is no contention between the functions. In this case, the designer must verify that no contention
exists between the functions enabled on each pin.
Table 6-1. Digital IO Features by IO Type
BUFFER TYPE
INVERSION
CONTROL
DRIVE
STRENGTH
CONTROL
PULLUP
RESISTOR
PULLDOWN
RESISTOR
WAKEUP LOGIC
SDIO (standard drive)
Y
Y
Y
SDIO (standard drive) with wake
Y
Y
Y
Y
HDIO (High drive)
Y
Y
Y
Y
Y
HSIO (High speed)
Y
Y
Y
Y
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW, YSG Packages)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
YSG
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
6
6
6
38
4
B4
F6
NRST
WAKE
(Non-IOMUX 1) 0
I
RESET
NRST
(Non-IOMUX 2) 0
RESET
1
1
1
33
1
D3
C7
PA0
PINCM1
0x400cc000
PA0
1
IO
SDIO
(standard
)with wake
TIMA0_0_FAL1
2
I
UC1_0_SDA_TX
3
IOD
UC13_3_SCLK_S
CL_RX
4
IOD
UC12_TX
5
O
UC15_0_SDA
6
IOD
WAKE
(Non-IOMUX 1) 0
I
BSL_I2C_SDA
(Non-IOMUX 2) 0
IOD
2
2
2
34
2
C4
D6
PA1
PINCM2
0x400cc004
PA1
1
IO
SDIO
(standard
)with wake
TIMA0_1_FAL0
2
I
UC1_0_SCL_RX
3
IOD
UC13_3_PICO_S
DA_TX
4
IOD
UC12_RX
5
I
UC15_0_SCL
6
IOD
TIMG8_0_IDX
7
I
TIMA0_0_C1
8
IO
WAKE
(Non-IOMUX 1) 0
I
BSL_I2C_SCL
(Non-IOMUX 2) 0
IOD
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com