Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 4 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 4 Page - Texas Instruments

  XM33C321ASPZR Datasheet HTML 1Page - Texas Instruments XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
4 Functional Block Diagram
Power Domain
PD1
CPU SUB SYSTEM
Arm® Cortex®-M33
fCPU = 160 MHz
TrustZone®+ SAU +
IDAU
NVIC
FPU
DSP
SWD
DMA0
4 channels
DMA1
12 channels
ROM
(Root of Trust, Boot Loader)
4 kB
Cache
Flash with ECC
Up to 2 x 512 kB
1 x 32 kB
Data Flash
SRAM with ECC
3 x 64 kB (192 kB) Non-Reten on
SRAM with ECC
1 x 64 kB (64 kB) Reten on
UNICOMM13_1
(UART/I2C/SPI)
UNICOMM14
(UART+LIN/I2C)
VDD
Voltage Domain
C-AHB
S-AHB
UNICOMM12
(UART)
UNICOMM13_0
(UART/I2C/SPI)
UNICOMM15_0
(I2C+SMBus)
UNICOMM15_1
(I2C+SMBus)
UNICOMM2
(SPI)
UNICOMM13_3
(UART/I2C/SPI)
UNICOMM13_2
(UART/I2C/SPI)
HSADC0 12-bit
9.4 MSPS 21-channels
HSADC1 12-bit
9.4 MSPS 15-channels
TIMA0_0
TIMA0_1
QSPI
TIMG12_0
SHA-256-HMAC
AES-256
KeyStore
PKA
(ECDSA/ECDH)
I2S 0
I2S 1
CAN-FD 0
CAN-FD 1
TIMG4_2
TIMG4_3
TIMG8_0
TIMG8_1
CRC
DMA0 Con g
DMA1 Con g
Flash Con g
SRAM Con g
EAM
PD1 MCLK Clock Domain
PD1 MCLK/2 Clock Domain
PD1 MCLK/4 Clock Domain
Memory and
PeripheralFirewall (GSC)
PD0 MCLK/4 Clock Domain
Power Domain
PD0
TRNG
IOMUX
Flash Controller
PMU (SYSCTL)
UNICOMM1_0
(UART+LIN/I2C)
UNICOMM1_1
(UART+LIN/I2C)
COMPARATOR 0
COMPARATOR 1
TIMG4_0
TIMG4_1
DEBUGSS
WWDT
GPIO
GPIO
GPIO
Global Security
Control (GSC)
Figure 4-1. MSPM33C321x Functional Block Diagram
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com