Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 39 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 39 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 35Page - Texas Instruments XM33C321ASPZR Datasheet HTML 36Page - Texas Instruments XM33C321ASPZR Datasheet HTML 37Page - Texas Instruments XM33C321ASPZR Datasheet HTML 38Page - Texas Instruments XM33C321ASPZR Datasheet HTML 39Page - Texas Instruments XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 122 page
background image
Table 6-19. Unified Communication Module (UniComm) Signal Descriptions (continued)
SIGNAL NAME
PIN
TYP
E
DESCRIPTION
PFA PIN
PZ PIN
PN PIN
PM PIN
RGZ PIN ZAW PIN YSG PIN
UC13_2_CS0_CTS
IO
Unified Communication
Module UC13: 2 or SPI
CS0 or UART CTS signal
46, 76
46, 76
36, 61
17, 64
39
G10, J2
A1, V2
UC13_3_CS0_CTS
IO
Unified Communication
Module UC13: 3 or SPI
CS0 or UART CTS signal
3, 31, 65
3, 31, 65
26, 3, 50
35
3
C3, D7,
H5
E7, K2,
V6
UC15_0_SCL
IOD Unified Communication
Module UC15: 0 or I2C
SCL signal
2, 34, 72
2, 34, 72
2, 29, 57
13, 34, 57 19, 2, 35
C4, E9,
J3
D6, L3,
N5
UC15_0_SDA
IOD Unified Communication
Module UC15: 0 or I2C
SDA signal
1, 3, 33,
71
1, 3, 33,
71
1, 28, 3,
56
12, 33,
35, 56
1, 18, 3,
34
C3, D3,
E7, J4
C7, E7,
F2, T6
UC15_1_SCL
IOD Unified Communication
Module UC15: 1 or I2C
SCL signal
17, 23, 4,
54
17, 23, 4,
54
12, 18, 4,
44
36, 44, 50 10, 14, 30 A7, B3,
C8, K7
C9, N3,
N9, V8
UC15_1_SDA
IOD Unified Communication
Module UC15: 1 or I2C
SDA signal
16, 24, 5,
55
16, 24, 5,
55
11, 19,
45, 5
37, 43, 51 15, 9
A6, D4,
D8, H7
D8, L9,
M2, T8
UC1_0_CTS
IO
Unified Communication
Module UC1: 0 or UART
CTS signal
28, 53,
75, 95
28, 53,
75, 95
23, 43,
60, 75
16, 27,
55, 7
17, 29, 38 C1, C9,
J1, K8
C5, D2,
K6, L7
UC1_0_RTS
IO
Unified Communication
Module UC1: 0 or UART
RTS signal
27, 54, 96 27, 54, 96 22, 44, 76 28, 54
16, 30
B1, D10,
K7
B6, N3,
U7
UC1_0_SCL_RX
IOD Unified Communication
Module UC1: 0 or I2C SCL
or UART RX signal
2, 21, 34
2, 21, 34
16, 2, 29
34, 48, 57 19, 2
C4, C7,
E9
D6, M8,
N5
UC1_0_SDA_TX
IOD Unified Communication
Module UC1: 0 or I2C SDA
or UART TX signal
1, 20, 3,
33
1, 20, 3,
33
1, 15, 28,
3
33, 35,
47, 56
1, 18, 3
C3, C6,
D3, E7
C7, E7,
K8, T6
UC1_1_CTS
IO
Unified Communication
Module UC1: 1 or UART
CTS signal
42, 76
42, 76
32, 61
17, 60
22, 39
F9, J2
A1, P4
UC1_1_RTS
IO
Unified Communication
Module UC1: 1 or UART
RTS signal
43, 77
43, 77
33, 62
18, 61
23, 40
G7, H2
B2, V4
UC1_1_SCL_RX
IOD Unified Communication
Module UC1: 1 or I2C SCL
or UART RX signal
17, 23,
26, 28, 4,
41, 54, 70
17, 23,
26, 28, 4,
41, 54, 70
12, 18,
21, 23,
31, 4, 44,
55
11, 36,
44, 50,
53, 55, 59
10, 14,
17, 21,
30, 33
A7, B3,
B8, C8,
C9, F8,
K3, K7
C9, E1,
L7, N3,
N9, P6,
R5, V8
UC1_1_SDA_TX
IOD Unified Communication
Module UC1: 1 or I2C SDA
or UART TX signal
16, 24,
25, 27,
40, 5, 55,
69
16, 24,
25, 27,
40, 5, 55,
69
11, 19,
20, 22,
30, 45, 5,
54
10, 37,
43, 51,
52, 54, 58
15, 16,
20, 32, 9
A6, D10,
D4, D8,
D9, E10,
H7, K4
D8, J3,
J7, L9,
M2, T8,
U5, U7
UC2_CS0
IO
Unified Communication
Module UC2: SPI CS0
signal
15, 65, 79 15, 65, 79 10, 50, 64 42
8
A5, G3,
H5
G7, K2,
K4
UC2_CS1
IO
Unified Communication
Module UC2: SPI CS1
signal
16, 40,
78, 99
16, 40,
78, 99
11, 30,
63, 79
31, 43, 58 20, 47, 9
A6, B2,
E10, H3
B8, E3,
L9, U5
UC2_CS2
IO
Unified Communication
Module UC2: SPI CS2
signal
82, 93
82, 93
67, 73
19, 25
41, 44
E2, F3
A5, H4
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com