Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 49 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 49 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSOSCACC
SYSOSC frequency accuracy when
frequency correction loop (FCL) is
enabled when the internal ROSC
resistor is used, 32MHz(1) (2) (3)
SETUSEFCL=1, -40
℃ ≤ Ta ≤ 125 ℃
-2.1
1.6
%
SYSOSC frequency accuracy when
frequency correction loop (FCL) is
enabled when the internal ROSC
resistor is used, 32MHz(1) (2) (3)
SETUSEFCL=1, Ta = 25 ℃
-1.2
1.3
%
SYSOSC frequency accuracy when
frequency correction loop (FCL) is
enabled when the internal ROSC
resistor is used, 4MHz(1) (2) (3)
SETUSEFCL=1, Ta = 25 ℃
-1.2
1.7
%
SYSOSC frequency accuracy when
frequency correction loop (FCL) is
enabled when the internal ROSC
resistor is used, 4MHz(1) (2) (3)
SETUSEFCL=1, -40
℃ ≤ Ta ≤ 125 ℃
-2.3
1.8
%
SYSOSC accuracy when frequency
correction loop (FCL) is disabled,
32MHz(2) (3)
SETUSEFCL=0,SYSOSCCFG.FREQ=
0 -40
℃ ≤ Ta ≤ 125 ℃
-2.6
1.8
%
SYSOSC accuracy when frequency
correction loop (FCL) is disabled, for
factory trimmed frequencies, 4MHz(2)
(3)
SETUSEFCL=0,SYSOSCCFG.FREQ=
1 -40
℃ ≤ Ta ≤ 125 ℃
-2.7
2.3
%
tsettle, SYSOSC
Settling time to target accuracy
SETUSEFCL=1
45
µs
(1)
The SYSOSC frequency correction loop (FCL) enables high SYSOSC accuracy via an internal reference resistor when using the FCL.
See the SYSOSC section of the technical reference manual for details on computing SYSOSC accuracy.
(2)
SYSOSC Accuracy is measured in the default power-up state, with MCLK = SYSOSC, the CPU is running a while(1) loop, and the
SYSPLL is disabled.
(3)
SYSOSC is measured with the internal FCC counter using an external 1ms pulse as the measurement trigger.
7.8.2 High Frequency Crystal/Clock
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High frequency crystal oscillator (HFXT)
fHFXT
HFXT frequency
HFXTRSEL=00
4
8
MHz
HFXTRSEL=01
8.01
16
HFXTRSEL=10
16.01
32
HFXTRSEL=11
32.01
48
MHz
DCHFXT
HFXT duty cycle
HFXTRSEL=00
40
65
%
HFXTRSEL=01
40
60
HFXTRSEL=10
40
60
HFXTRSEL=11
40
60
OAHFXT
HFXT crystal oscillation allowance
HFXTRSEL=00 (4 to 8MHz range)
2
kΩ
CL, eff
Integrated effective load capacitance(1)
1
pF
tstart, HFXT HFXT start-up time (2)
HFXTRSEL=11, 32MHz crystal
0.5
ms
IHFXT
HFXT current consumption
fHFXT=4MHz, Rm=300Ω, CL=12pF
75
µA
fHFXT=32MHz, Rm=30Ω, CL=12pF,
Cm=6.26fF, Lm=1.76mH
600
High frequency digital clock input (HFCLK_IN)
fHFIN
HFCLK_IN frequency (3)
USEEXTHFCLK=1
4
48
MHz
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com