Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 84 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 84 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 80Page - Texas Instruments XM33C321ASPZR Datasheet HTML 81Page - Texas Instruments XM33C321ASPZR Datasheet HTML 82Page - Texas Instruments XM33C321ASPZR Datasheet HTML 83Page - Texas Instruments XM33C321ASPZR Datasheet HTML 84Page - Texas Instruments XM33C321ASPZR Datasheet HTML 85Page - Texas Instruments XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments XM33C321ASPZR Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
• Support for bit reversal
• Support for custom polynomials
For more details, see the CRC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.14 Serial Communication Interfaces
8.14.1 UNICOMM (UART/I2C/SPI)
UNICOMM is a highly flexible peripheral which can be configured to operate with a UART, SPI, I2C Controller
or a I2C Target protocol at runtime. The user can select one of the serial interfaces during initialization. The
peripheral uses shared 16-deep FIFOs in each UCx instance to maximize the device capability. A serial
peripheral group (SPG) combines one or more UNICOMM instances for special functions like inter-module
internal loopback and I2C pairing. UNICOMM (UCx) Serial Interface describes the peripheral serial interfaces
available on each UNICOMM instance and how these are grouped into SPG groupings on the device.
Table 8-12. UNICOMM (UCx) Serial Interface
SPG Instance UNICOMM Instance
UART
SPI
I2C Controller
I2C Target
FIFO
SPG0 (PD0)
UC1_0
Yes
-
Yes
Yes
16
UC1_1
Yes
-
Yes
Yes
16
SPG1 (PD1)
UC2
-
Yes
-
-
4
UC15_0
-
-
Yes
Yes
4
UC15_1
-
-
Yes
Yes
4
UC12
Yes
-
-
-
4
UC13_0
Yes
Yes
Yes
Yes
4
SPG2 (PD1)
UC13_1
Yes
Yes
Yes
Yes
4
UC13_2
Yes
Yes
Yes
Yes
4
UC13_3
Yes
Yes
Yes
Yes
4
UC14
Yes
-
Yes
Yes
4
8.14.1.1 UART (UNICOMM)
The UART peripheral function provide the following key features:
• Standard asynchronous communication bits for start, stop, and parity
• Fully programmable serial interface
– 5, 6, 7 or 8 data bits
– Even, odd, stick, or no-parity bit generation and detection
– 1 or 2 stop bit generation
– Line-break detection
– Programmable baud rate generation with oversampling by 16, 8 or 3
– Local Interconnect Network (LIN) mode support
• Support transmit and receive loopback mode operation
• See Table 8-13 for detail information on supported protocols
Table 8-13. UART (UNICOMM) Features
Supported Features
UC1.UART
UC12.UART
UC13.UART
UC14.UART
Active in Stop and Standby Mode
Yes
-
-
-
Support hardware flow control
Yes
Yes
Yes
Yes
Support 9-bit configuration
Yes
Yes
Yes
Yes
Support LIN mode
Yes
Yes
-
Yes
Support DALI
-
Yes
-
-
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
84
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com