Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 62 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 62 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 58Page - Texas Instruments XM33C321ASPZR Datasheet HTML 59Page - Texas Instruments XM33C321ASPZR Datasheet HTML 60Page - Texas Instruments XM33C321ASPZR Datasheet HTML 61Page - Texas Instruments XM33C321ASPZR Datasheet HTML 62Page - Texas Instruments XM33C321ASPZR Datasheet HTML 63Page - Texas Instruments XM33C321ASPZR Datasheet HTML 64Page - Texas Instruments XM33C321ASPZR Datasheet HTML 65Page - Texas Instruments XM33C321ASPZR Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 122 page
background image
7.12 TRNG
7.12.1 TRNG Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRNGIACT TRNG active current
TRNG clock = 20MHz
115
µA
7.12.2 TRNG Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRNGCLKF
TRNG input clock frequency
9.5
10
25
MHz
TRNGSTARTUP
TRNG startup time
520
µs
TRNGLAT32
Latency to generate 32 random bits
Decimation ratio = 4, TRNG clock =
20MHz
6.4
µs
TRNGLAT256
Latency to generate 256 random bits
Decimation ratio = 4, TRNG clock =
20MHz
51.2
µs
7.13 Emulation and Debug
7.13.1 SWD Timing
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fSWD
SWD frequency
10
MHz
tsetup
SWDIO setup time
4
ns
thold
SWDIO hold time
1
ns
tovalid
SWDIO output valid time
21
ns
tohold
SWDIO output hold time
5
ns
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
62
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com