Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 12 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 12 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments XM33C321ASPZR Datasheet HTML 10Page - Texas Instruments XM33C321ASPZR Datasheet HTML 11Page - Texas Instruments XM33C321ASPZR Datasheet HTML 12Page - Texas Instruments XM33C321ASPZR Datasheet HTML 13Page - Texas Instruments XM33C321ASPZR Datasheet HTML 14Page - Texas Instruments XM33C321ASPZR Datasheet HTML 15Page - Texas Instruments XM33C321ASPZR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 122 page
background image
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
Not to scale
PA21
PC9
PA24
PB27
VCORE
PA22
PB23
PB26
PA27
PB18
PC8
PB25
PA0
PA29
PB19
PB22
PA1
PA30
PA18
PC6
PA26
PA28
VDD
PA19
PB24
NRST
VBAT
VCORE
PB17
PA23
PA2
PC3
PB20
PA25
VCORE
VDD
PA17
PB21
PB4
VSS
PC2
PC7
PA14
PB0
VSS
PA20
VCORE
PA9
PA3
PA16
PA12
PB1
PA13
PA15
PA11
PB29
PA4
PB14
PB8
PB5
PA7
PB16
PB11
PB7
PB28
PA5
PB13
PB10
PA10
PB3
PB15
VDD
PB6
PA8
PA6
PB12
PB9
PB30
PB2
Figure 6-6. 79-pin YSG (3.6mm x 3.24mm) (0.35mm pitch) (WCSP) Package Diagram (Top View)
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com