Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 27 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 27 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 23Page - Texas Instruments XM33C321ASPZR Datasheet HTML 24Page - Texas Instruments XM33C321ASPZR Datasheet HTML 25Page - Texas Instruments XM33C321ASPZR Datasheet HTML 26Page - Texas Instruments XM33C321ASPZR Datasheet HTML 27Page - Texas Instruments XM33C321ASPZR Datasheet HTML 28Page - Texas Instruments XM33C321ASPZR Datasheet HTML 29Page - Texas Instruments XM33C321ASPZR Datasheet HTML 30Page - Texas Instruments XM33C321ASPZR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 122 page
background image
Table 6-2. Pin Attributes (PFA, PZ, PN, PM, RGZ, ZAW, YSG Packages) (continued)
PFA
PIN
PZ
PIN
PN
PIN
PM
PIN
RGZ
PIN
ZAW
PIN
YSG
PIN
PIN NAME/
IOMUX REG/
IOMUX ADDR
SIGNAL
NAME
IOMUX
NAME
SIGNAL
TYPE
BUFFER
TYPE
39
39
F7
PC19
PINCM72
0x400cc11c
PC19
1
IO
SDIO
(standard)
TIMA0_1_C3N
2
O
58
58
H9
PC20
PINCM73
0x400cc120
PC20
1
IO
SDIO
(standard)
TIMA0_1_FAL2
2
I
59
59
H6
PC21
PINCM80
0x400cc13c
PC21
1
IO
SDIO
(standard)
CANFD1_CANTX
2
O
60
60
K5
PC22
PINCM81
0x400cc140
PC22
1
IO
SDIO
(standard)
CANFD1_CANRX
2
I
61
61
J6
PC23
PINCM82
0x400cc144
PC23
1
IO
SDIO
(standard)
TIMA0_1_C2
2
IO
62
62
J5
PC24
PINCM83
0x400cc148
PC24
1
IO
SDIO
(standard)
TIMA0_1_C2N
2
O
89
89
E4
PC25
PINCM90
0x400cc164
PC25
1
IO
SDIO
(standard)
TIMG8_1_IDX
2
I
UC14_CTS
3
IO
90
90
F1
PC26
PINCM91
0x400cc168
PC26
1
IO
SDIO
(standard)
CANFD1_CANTX
2
O
UC14_RTS
3
IO
91
91
E3
PC27
PINCM92
0x400cc16c
PC27
1
IO
SDIO
(standard)
CANFD1_CANRX
2
I
14
14
7
D6
PC28
PINCM93
0x400cc170
PC28
1
IO
SDIO
(standard)
UC13_3_SCLK_S
CL_RX
2
IOD
UC12_TX
4
O
TIO1
(Non-IOMUX 1) 0
I
37
37
F6
PC29
PINCM94
0x400cc174
PC29
1
IO
SDIO
(standard)
TIMA0_1_C1N
2
O
UC13_3_PICO_S
DA_TX
3
IOD
7
7
7
39
5
A3
F8
VBAT
VBAT
(Non-IOMUX 1) 0
VBAT
PWR
100
100
80
32
48
A1
A9, G1,
H8, L5
VCORE
VCORE
(Non-IOMUX 1) 0
PWR
PWR
64, 8
64, 8
49, 8
40, 9
31, 6
A4, K6
E9, J1,
U3
VDD
VDD
(Non-IOMUX 1) 0
PWR
PWR
63, 9
63, 9
48, 9
41, 8
MP
A2, K9
J9, L1
VSS
VSS
(Non-IOMUX 1) 0
PWR
PWR
6.3 Signal Descriptions
Many MSPM33 signals are made available on multiple device pins. The following list describes the column
headers:
1. SIGNAL NAME: The name of the signal which can be connected to one of the specified pins.
2. PIN TYPE: The signal direction and signal type:
• I = Input
• O = Output
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com