Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 3 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 3 Page - Texas Instruments

  XM33C321ASPZR Datasheet HTML 1Page - Texas Instruments XM33C321ASPZR Datasheet HTML 2Page - Texas Instruments XM33C321ASPZR Datasheet HTML 3Page - Texas Instruments XM33C321ASPZR Datasheet HTML 4Page - Texas Instruments XM33C321ASPZR Datasheet HTML 5Page - Texas Instruments XM33C321ASPZR Datasheet HTML 6Page - Texas Instruments XM33C321ASPZR Datasheet HTML 7Page - Texas Instruments XM33C321ASPZR Datasheet HTML 8Page - Texas Instruments XM33C321ASPZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 122 page
background image
CAUTION
System-level ESD protection must be applied in compliance with the device-level ESD specification
to prevent electrical overstress or disturbing of data or code memory. See MSP430™ System-Level
ESD Considerations for more information. The principles in this application note are applicable to
MSPM33C MCUs.
Table 3-1. Device Information
DEVICE NAME
PACKAGE1
PACKAGE SIZE(2)
MSPM33C321ASPZR
PZ (LQFP, 100)
16mm x 16mm
MSPM33C3219SPZR(3)
MSPM33C321ASPFAR(3)
PFA (LQFP, 100)
14mm x 14mm
MSPM33C3219SPFAR(3)
MSPM33C321ASZAWR
ZAW (nFBGA, 100)
9mm x 9mm
MSPM33C3219SZAWR(3)
MSPM33C321ASPNR(3)
PN (LQFP, 80)
14mm x 14mm
MSPM33C3219SPNR(3)
MSPM33C321ASYSGR(3)
YSG (WCSP, 79)
3.6mm x 3.24mm
MSPM33C3219SYSGR(3)
MSPM33C321ASPMR(3)
PM (LQFP, 64)
12mm x 12mm
MSPM33C3219SPMR(3)
MSPM33C321ASRGZR(3)
RGZ( VQFN, 48)
7mm x 7mm
MSPM33C3219SRGZR(3)
(1)
For more information about the device name, see Device Nomenclature
(2)
The package size (length x width) is a nominal value and includes pins, where applicable
(3)
PRODUCT PREVIEW only
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com