Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 90 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 90 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 86Page - Texas Instruments XM33C321ASPZR Datasheet HTML 87Page - Texas Instruments XM33C321ASPZR Datasheet HTML 88Page - Texas Instruments XM33C321ASPZR Datasheet HTML 89Page - Texas Instruments XM33C321ASPZR Datasheet HTML 90Page - Texas Instruments XM33C321ASPZR Datasheet HTML 91Page - Texas Instruments XM33C321ASPZR Datasheet HTML 92Page - Texas Instruments XM33C321ASPZR Datasheet HTML 93Page - Texas Instruments XM33C321ASPZR Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 122 page
background image
Table 8-21. RTC Instances and Key Features (continued)
RTC Features
RTC_A
Selectable binary or binary-coded decimal (BCD) format
Yes
Leap-year correction (valid for year 1901 through 2099)
Yes
Two customizable calendar alarm interrupts based on minute, hour, day of the week, and day of the month
Yes
Interval alarm interrupt to wake every minute, every hour, at midnight, or at noon
Yes
Periodic interrupt to wake at 4096, 2048, 1024, 512, 256, or 128Hz
Yes
Periodic interrupt to wake at 64, 32, 16, 8, 4, 2, 1, and 0.5Hz
Yes
Interrupt capability down to STANDBY mode with STOPCLKSTBY
Yes
Calibration for crystal offset error and crystal temperature drift (up to ±240ppm total)
Yes
RTC clock output to pin for calibration (GPIO)
Yes
RTC clock output to pin for calibration (TIO)
Yes
Three bit prescaler for heartbeat function with interrupt generation
Yes
RTC external clock selection of untrimmed 32kHz, trimmed 512Hz, 256Hz or 1Hz
Yes
RTC time stamp capture upon detection of a timer stamp event, including:
•
TIO event
•
VDD fail event
Yes
RTC counter lock function
Yes
For more details, see the RTC chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.16.3 IWDT
The independent watchdog timer (IWDT) in the LFSS is a device-independent supervisor which monitors code
execution and overall hang up scenarios of the device. Due to the nature of LFSS, this IWDT has its own system
independent power and clock source. If the application software does not successfully reset the watchdog within
the programmed time, the watchdog generates a POR reset to the device.
Key features of the IWDT include:
• A 26-bit counter with closed and open window
• Counter driven from LFOSC (fixed 32kHz clock path) with a programmable clock divider
• Eight selectable watchdog timer periods
For more details, see the IWDT chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
8.16.4 WWDT
The windowed watchdog timer (WWDT) can be used to supervise the operation of the device, specifically code
execution. The WWDT can be used to generate a reset or an interrupt if the application software does not
successfully reset the watchdog within a specified window of time. Key features of the WWDT include:
• 26-bit counter
• Programmable clock divider
• Eight software selectable watchdog timer periods
• Eight software selectable window sizes
• Support for stopping the WWDT automatically when entering a sleep mode
• Interval timer mode for applications which do not require watchdog functionality
For more details, see the WWDT chapter of the MSPM33C3x 160-MHz Microcontrollers Technical Reference
Manual.
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
90
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com