Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 44 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 44 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 40Page - Texas Instruments XM33C321ASPZR Datasheet HTML 41Page - Texas Instruments XM33C321ASPZR Datasheet HTML 42Page - Texas Instruments XM33C321ASPZR Datasheet HTML 43Page - Texas Instruments XM33C321ASPZR Datasheet HTML 44Page - Texas Instruments XM33C321ASPZR Datasheet HTML 45Page - Texas Instruments XM33C321ASPZR Datasheet HTML 46Page - Texas Instruments XM33C321ASPZR Datasheet HTML 47Page - Texas Instruments XM33C321ASPZR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 122 page
background image
THERMAL METRIC(1)
PACKAGE
VALUE
UNIT
RθJA
Junction-to-ambient thermal resistance
NFBGA-100 (ZAW)
35.89
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
13.69
°C/W
RθJB
Junction-to-board thermal resistance
18.47
°C/W
ΨJT
Junction-to-top characterization parameter
0.45
°C/W
ΨJB
Junction-to-board characterization parameter
18.37
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
RθJA
Junction-to-ambient thermal resistance
WCSP-79 (YSG)
58.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
0.16
°C/W
RθJB
Junction-to-board thermal resistance
9.4
°C/W
ΨJT
Junction-to-top characterization parameter
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
11.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Supply Current Characteristics
7.5.1 RUN/SLEEP Modes
VDD=3.3V. All inputs tied to 0V or VDD. Outputs do not source or sink any current. All peripherals are disabled.
PARAMETER
VDD
MCLK
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX TYP MAX TYP MAX TYP MAX TYP MAX
RUN Mode
IDD (Run)
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
CoreMark, execute from flash
3.3V 160MHz
33.6
38 33.7
36 34.8
41 35.8
46 37.9
56
mA
3.3V 80MHz
17.8
22 17.9
20 18.9
25 19.8
29 24.9
39
MCLK=SYSOSC, CoreMark,
execute from flash
3.3V 32MHz
12.6
14 12.8
15 14.1
16 15.4
19 18.3
29
IDD
(Run) per
MHz
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
CoreMark, execute from flash
3.3V 160MHz
210
229
211
216
217
248
224
277
237
340
µA/Mhz
MCLK=SYSPLL,
SYSPLLREF=SYSOSC
While(1), execute from flash
3.3V 160MHz
206
213
207
211
213
243
220
273
232
332
SLEEP Mode
IDD
(Sleep)
MCLK=SYSPLL,
SYSPLLREF=SYSOSC CPU is
halted
160MHz
15
16 15.5 16.5 20.5 25.5
23
30
25
34
mA
MCLK=SYSOSC, CPU is halted
32MHz
3.5
5
3.8
5
9.2
10
11.6
14 14.2
24
7.5.2 STOP/STANDBY Modes
VDD=3.3V, VBAT=3.3V. All inputs in VDD domain tied to 0V or VDD, All inputs in VBAT Island tied to 0V or VBAT. Outputs do
not source or sink any current. All peripherals not noted are disabled.
PARAMETER
ULPCLK
-40°C
25°C
85°C
105°C
125°C
UNIT
TYP MAX
TYP MAX
TYP MAX
TYP MAX
TYP MAX
STOP Mode
IDD (Stop)
SYSOSC=32MHz,
USE4MHZSTOP=1,
DISABLESTOP=0
4MHz
129
200
143
221
213
372
255
440
300
470
µA
STANDBY Mode
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
44
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com