Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM33C321ASPZR Datasheet(PDF) 53 Page - Texas Instruments

Part # XM33C321ASPZR
Description  MSPM33C321x Mixed-Signal Microcontrollers
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XM33C321ASPZR Datasheet(HTML) 53 Page - Texas Instruments

Back Button XM33C321ASPZR Datasheet HTML 49Page - Texas Instruments XM33C321ASPZR Datasheet HTML 50Page - Texas Instruments XM33C321ASPZR Datasheet HTML 51Page - Texas Instruments XM33C321ASPZR Datasheet HTML 52Page - Texas Instruments XM33C321ASPZR Datasheet HTML 53Page - Texas Instruments XM33C321ASPZR Datasheet HTML 54Page - Texas Instruments XM33C321ASPZR Datasheet HTML 55Page - Texas Instruments XM33C321ASPZR Datasheet HTML 56Page - Texas Instruments XM33C321ASPZR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 122 page
background image
7.9.2.1 Comparator Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Comparator Electrical Characteristics
Vcm
Common mode input range
0
VDD
V
Voffset
Input offset voltage
-20
20
mV
Vhys
DC input hysteresis
HYST = 00h
0.4
mV
HYST = 01h
10
HYST = 02h
20
HYST = 03h
30
tPD_ls
Propagation delay, response
time
Output Filter off, Overdrive = 100 mV, High Speed
Mode
32
50
ns
Output Filter off, Overdrive = 100 mV, Low Power
Mode
1.2
4
µs
ten
Comparator enable time
Startup time to reach propagation delay
specification, High Speed Mode
5
µs
Startup time to reach propagation delay
specification, Low Power Mode
10
µs
Icomp
Comparator current
consumption
Vcm = VDD/2, 100mV overdrive, DAC output as a
voltage reference, VDD is reference for DAC, High
Speed Mode
130
200
µA
Vcm = VDD/2, 100mV overdrive, DAC output as a
voltage reference, VDD is reference for DAC, Low
Power Mode
0.85
2.7
µA
Vcm = VDD/2, 100mV overdrive, comparator only.
High Speed Mode
120
180
µA
Vcm = VDD/2, 100mV overdrive, comparator
only, Low Power Mode
0.7
2.1
µA
Icomp
Comparator +VREF current
consumption in low power
Vcm = VDD/2, 100mV overdrive, DAC output as
a voltage reference, Internal VREF is reference for
DAC, Low Power Mode
3.5
µA
8-bit DAC Electrical Characteristics
VDAC
DAC output range
0
VDD
V
VDAC-CODE
8-bit DAC output voltage for
a given code
VIN = reference voltage into 8-bit DAC, code n = 0 to
255
VIN ×
(n+1) / 256
V
INL
Integral nonlinearity of 8-bit
DAC
-1
1
LSB
DNL
Differential nonlinearity of 8-
bit DAC
-1
1
LSB
Gain error
Gain error of 8-bit DAC
Reference voltage = VDD
-2
2
% of FSR
Offset error
Offset error of 8-bit DAC
-5
5
mV
ROUT
Output resistance
VDAC = 0.3V to (VDD - 0.3V)
56
kΩ
tdac_enable
Turn on time from off state
DACCODE = 255
0.8
µs
tdac_settle
8-bit DAC settling time in
static mode
DACCODE0 = 0 → 255, DAC output accurate to 1
LSB
1.5
µs
tdac_settle
8-bit DAC settling time in
static mode
DACCODE0 = 0 → 255, DAC output accurate to 1
LSB, DAC output on pin, Cload = 15pF
6
µs
7.9.3 VREF Specifications
7.9.3.1 VREF Voltage Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDDmin
Minimum supply voltage needed for
VREF operation
BUFCONFIG = 0
2.7
V
BUFCONFIG = 1
1.71
www.ti.com
MSPM33C321A, MSPM33C3219
SLASFB6A – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: MSPM33C321A MSPM33C3219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com