Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4970 Datasheet (PDF) - STMicroelectronics

L4970 Datasheet PDF - STMicroelectronics
Part # L4970
Download  L4970 Download
File Size   399.44 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10A SWITCHING REGULATOR

L4970 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4970 Datasheet PDF - STMicroelectronics

Part # L4970
Download  L4970 Click to download

File Size   399.44 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 10A SWITCHING REGULATOR

L4970 Datasheet (HTML) - STMicroelectronics


L4970 Product details

DESCRIPTION

The L4970A is a stepdown monolithic power switching regulator delivering 10A at a voltage variable from 5.1 to 40V. Realized with BCD mixed technology, the device uses a DMOS output transistor to obtain very high efficiency and very fast switching times. Features of the L4970A include reset and power fail for microprocessors, feed forward line regulation, soft start, limiting current and thermal protection. The device is mounted in a 15-lead multiwatt plastic power package and requires few external components. Efficient operation at switching frequencies

up to 500KHz allows reduction in the size and cost of external filter components.



10A OUTPUT CURRENT

5.1V TO 40V OUTPUT VOLTAGE RANGE

0 TO 90% DUTY CYCLE RANGE

INTERNAL FEED-FORWARD LINE REGULATION

INTERNAL CURRENT LIMITING

PRECISE 5.1V ±2% ON CHIP REFERENCE

RESET AND POWER FAIL FUNCTIONS

SOFT START

INPUT/OUTPUT SYNC PIN

UNDER VOLTAGE LOCK OUT WITH HYSTERETIC TURN-ON

PWM LATCH FOR SINGLE PULSE PER PERIOD

VERY HIGH EFFICIENCY

SWITCHING FREQUENCY UP TO 500KHz

THERMAL SHUTDOWN

CONTINUOUS MODE OPERATION




Similar Part No. - L4970

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L497 STMICROELECTRONICS-L497 Datasheet
106Kb / 11P
HALL EFFECT PICKUP IGNITION CONTROLLER
Mar-1998
L4971 STMICROELECTRONICS-L4971 Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
May-2005
L4971 STMICROELECTRONICS-L4971 Datasheet
574Kb / 13P
1.5A STEP DOWN SWITCHING REGULATOR
Rev. 11
L4971D STMICROELECTRONICS-L4971D Datasheet
134Kb / 12P
1.5A STEP DOWN SWITCHING REGULATOR
May-2000
More results


Similar Description - L4970

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Rohm
RDN100N20 ROHM-RDN100N20 Datasheet
62Kb / 4P
Switching (200V, 10A)
RK4410 ROHM-RK4410 Datasheet
40Kb / 4P
Switching (30V, 10A)
RES100N03 ROHM-RES100N03 Datasheet
44Kb / 4P
Switching (30V, 10A)
logo
ON Semiconductor
FAN2310AMPX ONSEMI-FAN2310AMPX Datasheet
1Mb / 20P
10A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV10MAMPX ONSEMI-FAN23SV10MAMPX Datasheet
1Mb / 21P
10A Synchronous Buck Regulator
Rev. 1.0
logo
Ningbo Tianbo Ganglian ...
HJR-3FF TIANBO-HJR-3FF Datasheet
528Kb / 3P
10A switching capability
TRA1 TIANBO-TRA1 Datasheet
1Mb / 3P
10A switching capability
TRG1 TIANBO-TRG1 Datasheet
1Mb / 3P
10A switching capability
logo
List of Unclassifed Man...
HJR-3FF ETC1-HJR-3FF Datasheet
187Kb / 3P
10A switching capability
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com