Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4970 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4970
Description  10A SWITCHING REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4970 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4970 Datasheet HTML 2Page - STMicroelectronics L4970 Datasheet HTML 3Page - STMicroelectronics L4970 Datasheet HTML 4Page - STMicroelectronics L4970 Datasheet HTML 5Page - STMicroelectronics L4970 Datasheet HTML 6Page - STMicroelectronics L4970 Datasheet HTML 7Page - STMicroelectronics L4970 Datasheet HTML 8Page - STMicroelectronics L4970 Datasheet HTML 9Page - STMicroelectronics L4970 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tj =25
°C, Vi = 35V, R4 = 16KΩ,
C9 = 2.2nF, fSW = 200KHz typ, unless otherwise specified)
DYNAMIC CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
Vi
input Voltage Range (pin 9)
Vo =Vref to 40V
Io = 10A
15
50
V
5
Vo
Output Votage
Vi = 15V to 50V
Io = 5A; Vo =Vref
5
5.1
5.2
V
5
∆Vo
Line Regulation
Vi = 15V to 50V
Io = 5A; Vo =Vref
12
30
mV
5
∆Vo
Load Regulation
Vo =Vref
Io =3A to 6A
Io = 2A to 10A
10
20
30
50
mV
mV
5
Vd
Dropout Voltage Between
Pin 9 and 7
Io =5A
Io = 10A
0.55
1.1
0.8
1.6
V
V
5
I7L
Max. Limiting Current
Vi = 15 to 50V
11
13
15
A
5
η
Efficiency
Io =5A
Vo =Vref
Vo = 12V
80
85
92
%
%
5
Io = 10A
Vo =Vref
Vo = 12V
75
80
87
%
%
5
SVR
Supply Voltage Ripple
Reject.
Vi = 2VRMS; Io =5A
f = 100Hz; Vo =Vref
56
60
dB
5
f
Switching Frequency
180
200
220
KHz
5
∆ f
∆ Vi
Voltage Stability of
Swiching Frequency
Vi = 15V to 45V
2
6
%
5
∆ f
Tj
Temperature Stability of
Swiching Frequency
Tj = 0 to 125
°C1
%
5
fmax
Maximum Operating
Switching Frequency
Vo =Vref;R4 = 10K
Ω
Io = 10A; C9 = 1nF
500
KHz
5
Vref SECTION (pin 14)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V14
Reference Voltage
5
5.1
5.2
V
7
∆V14
Line Regulation
Vi = 15V to 50V
10
25
mV
7
∆V14
Load Regulation
I14 = 0 to 1mA
20
40
mV
7
∆ V14
∆T
Average Temperature
Coefficient Reference
Voltage
Tj =0
°C to 125°C
0.4
mV/
°C7
I14 short
Short Circuit Current Limit
V14 = 0
70
mA
7
VSTART SECTION (pin 15)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.
V15
Reference Voltage
11.4
12
12.6
V
7
∆V15
Line Regulation
Vi = 15 to 50V
0.6
1.4
V
7
∆V15
Load Regulation
I15 = 0 to 1mA
50
200
mV
7
I15 short
Short Circuit Current Limit
V15 =0V
80
mA
7
L4970A
6/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com