Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF460AV Datasheet (PDF) - Inchange Semiconductor Company Limited

BUF460AV Datasheet PDF - Inchange Semiconductor Company Limited
Part # BUF460AV
Download  BUF460AV Download
File Size   554.67 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Transistor Power Module

BUF460AV Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF460AV Datasheet PDF - Inchange Semiconductor Company Limited

Part # BUF460AV
Download  BUF460AV Click to download

File Size   554.67 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description NPN Transistor Power Module

BUF460AV Datasheet (HTML) - Inchange Semiconductor Company Limited


BUF460AV Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 450V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat)= 0.35V(Typ) @IC= 30A
APPLICATIONS
· Welding Equipment
· Motor Control
· SMPS
· UPS




Similar Part No. - BUF460AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUF460AV STMICROELECTRONICS-BUF460AV Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Jul-1997
BUF460AV STMICROELECTRONICS-BUF460AV Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUF460AV STMICROELECTRONICS-BUF460AV_03 Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
More results


Similar Description - BUF460AV

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUT232V STMICROELECTRONICS-BUT232V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUT32V STMICROELECTRONICS-BUT32V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV298AV STMICROELECTRONICS-BUV298AV Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV298V STMICROELECTRONICS-BUV298V Datasheet
103Kb / 7P
NPN TRANSISTOR POWER MODULE
Jun-1997
BUV98AV STMICROELECTRONICS-BUV98AV Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUV98V STMICROELECTRONICS-BUV98V Datasheet
102Kb / 7P
NPN TRANSISTOR POWER MODULE
Sep-1997
BUF460AV STMICROELECTRONICS-BUF460AV_03 Datasheet
368Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUT232V STMICROELECTRONICS-BUT232V_03 Datasheet
348Kb / 7P
NPN TRANSISTOR POWER MODULE
Feb-2003
BUV98AV STMICROELECTRONICS-BUV98AV_03 Datasheet
358Kb / 7P
NPN TRANSISTOR POWER MODULE
Mar-2003
BUV298V STMICROELECTRONICS-BUV298V_06 Datasheet
337Kb / 12P
NPN transistor power module
27-Nov-2006
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com