Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF460AV Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUF460AV
Description  NPN Transistor Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUF460AV Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUF460AV Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUF460AV Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUF460AV Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISB3096
eq BUF460AV
NPN Transistor Power Module
www.iscsemi.com
2
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC = 0.2A ;L = 25 mH
Vclamp = 450 V
450
--
--
V
ICER
Collector Cut-off Current (RBE = 5Ω)
VCE = VCEV
--
--
0.2
mA
VCE = VCEV ;Tj = 100℃
--
--
2.0
ICEV
Collector Cut-off Current (VBE = -1.5V)
VCE = VCEV
--
--
0.2
mA
VCE = VCEV ;Tj = 100℃
--
--
2.0
IEBO
Emitter Cutoff Current
VEB = 5V, IC= 0A
--
--
1.0
mA
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 30A, IB= 3A
--
0.35
--
V
IC= 30A, IB= 3A, Tj = 100℃
--
--
2.0
IC= 60A, IB= 12A
--
0.5
--
IC= 60A, IB= 12A, Tj = 100℃
--
--
2.0
VBE(sat)
Base -Emitter Saturation Voltage
IC= 60A, IB= 12A
--
1.1
--
V
IC= 60A, IB= 12A, Tj = 100℃
--
--
1.5
V
hFE
DC Current Gain
IC= 60A, VCE= 5V
--
15
--
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.41
℃
/W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com