Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB670 Datasheet (PDF) - Monolithic Power Systems

NB670 Datasheet PDF - Monolithic Power Systems
Part # NB670
Download  NB670 Download
File Size   698.2 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, High Current Synchronous Buck Converter With LDO

NB670 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB670 Datasheet PDF - Monolithic Power Systems

Part # NB670
Download  NB670 Click to download

File Size   698.2 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, High Current Synchronous Buck Converter With LDO

NB670 Datasheet (HTML) - Monolithic Power Systems


NB670 Product details

DESCRIPTION
The NB670 is a fully integrated high frequency synchronous rectified step-down switch mode converter with 3.3V fixed output voltage. It offers very compact solution to achieve 6A continuous output current and 9A peak output current over a wide input supply range with excellent load and line regulation. The NB670 operates at high efficiency over a wide output current load range. Constant-On-Time (COT) control mode provides fast transient response and eases loop stabilization.
Under voltage lockout is internally set as 4.65 V. An open drain power good signal indicates the output is within its nominal voltage range.
NB670 also provides a 3.3V LDO, which can be used to power the external peripheries, such as the keyboard controller in the laptop computer. A 300kHz CLK is also available; its output can be used to drive an external charge pump, generating gate drive voltage for the load switches without reducing the main converter’s efficiency.
Full protection features include OCP, OVP, UVP and thermal shut down.
The converter requires minimum number of external components and is available in QFN16 (3mmx3mm) package.

FEATURES
• Wide 5V to 24V Operating Input Range
• 3.3V Fixed Output Voltage
• Built-in 3.3V, 100mA LDO with Switches
• 6A Continuous Output Current
• 9A Peak Output Current
• 300kHZ CLK for External Charge Pump
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction Technique
• Internal Soft Start
• Output Discharge
• 500kHZ Switching Frequency
• OCP, OVP, UVP Protection and Thermal Shutdown
• Latch off Reset via EN or Power Cycle

APPLICATIONS
• Laptop Computer
• Tablet PC
• Networking Systems
• Personal Video Recorders
• Flat Panel Television and Monitors
• Distributed Power Systems




Similar Part No. - NB670

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670GQ MPS-NB670GQ Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
More results


Similar Description - NB670

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
ON Semiconductor
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com