Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet (PDF) - Monolithic Power Systems

NB669 Datasheet PDF - Monolithic Power Systems
Part # NB669
Download  NB669 Download
File Size   827.69 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, High Current Synchronous Buck Converter With LDO

NB669 Datasheet (PDF)

Go To PDF Page Download Datasheet
NB669 Datasheet PDF - Monolithic Power Systems

Part # NB669
Download  NB669 Click to download

File Size   827.69 Kbytes
Page   19 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 24V, High Current Synchronous Buck Converter With LDO

NB669 Datasheet (HTML) - Monolithic Power Systems




Similar Part No. - NB669

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
Military Standard Connector Index
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB621EV MPS-NB621EV Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB633 MPS-NB633 Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
NB633EL MPS-NB633EL Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
More results


Similar Description - NB669

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com