Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # NB669
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB669 Datasheet(HTML) 3 Page - Monolithic Power Systems

  NB669 Datasheet HTML 1Page - Monolithic Power Systems NB669 Datasheet HTML 2Page - Monolithic Power Systems NB669 Datasheet HTML 3Page - Monolithic Power Systems NB669 Datasheet HTML 4Page - Monolithic Power Systems NB669 Datasheet HTML 5Page - Monolithic Power Systems NB669 Datasheet HTML 6Page - Monolithic Power Systems NB669 Datasheet HTML 7Page - Monolithic Power Systems NB669 Datasheet HTML 8Page - Monolithic Power Systems NB669 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NB669, 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB669 Rev. 1.01
www.MonolithicPower.com
3
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN_Shtdn
VEN = 0V
1
2
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VENLDO = 2V ,
VOUT = 5.2V
140
220
300
μA
Supply Current (No Load)
IIN
VEN = 2V, VENLDO = 2V ,
VOUT = 5.05V, Io=0A
240
μA
Supply Current (Standby)
IIN_Stby
VEN = 0V, VENLDO = 2V ,
ILDO = 0A
40
80
120
μA
MOSFET
High-side Switch On Resistance
HSRDS-ON
30
mΩ
Low-side Switch On Resistance
LSRDS-ON
15
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V
0
1
μA
Current Limit
Low-side Valley Current Limit
ILIMIT
8
8.5
9.5
A
Switching frequency and minimum off timer
Switching Frequency
FSW
400
500
600
kHz
Minimum Off Time
(6)
TOFF
350
ns
Over-voltage and Under-voltage Protection
OVP Threshold
VOVP
125
130
135
%
VOUT_Ref
OVP Delay
(6)
TOVPDEL
2.5
μs
UVP Threshold
VUVP
55
60
65
%
VOUT_Ref
UVP Delay
(6)
TUVPDEL
8
μs
VOUT_Ref And Soft Start
VOUT Ref Voltage
VOUT_Ref
4.95
5.05
5.15
V
Soft Start Time
TSS
1.5
1.8
1.95
ms
Enable And UVLO
Enable Input Low Voltage
VILEN
1.15
1.25
1.35
V
Enable Hysteresis
VEN-HYS
100
mV
VEN = 2V
5
Enable Input Current
IEN
VEN = 0V
0
μA
Enable LDO Input Low Voltage
VENLDO
1.15
1.25
1.35
V
Enable LDO Hysteresis
VENLDO-HYS
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com