Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # NB669
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB669 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button NB669 Datasheet HTML 10Page - Monolithic Power Systems NB669 Datasheet HTML 11Page - Monolithic Power Systems NB669 Datasheet HTML 12Page - Monolithic Power Systems NB669 Datasheet HTML 13Page - Monolithic Power Systems NB669 Datasheet HTML 14Page - Monolithic Power Systems NB669 Datasheet HTML 15Page - Monolithic Power Systems NB669 Datasheet HTML 16Page - Monolithic Power Systems NB669 Datasheet HTML 17Page - Monolithic Power Systems NB669 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
NB669, 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB669 Rev. 1.01
www.MonolithicPower.com
14
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EN Comparator
RUP
RDOWN
EN
NB669
VIN
Figure 8—Adjustable UVLO
Thermal Shutdown
Thermal shutdown is employed in the NB669.
The junction temperature of the IC is internally
monitored. If the junction temperature exceeds
the threshold value (typical 150ºC), the converter
shuts off. This is a non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops to about 125ºC, it initiates a
SS.
Output Discharge
NB669 discharges the output when EN is low, or
the controller is turned off by the protection
functions (UVP & OCP, OCP, OVP, UVLO, and
thermal shutdown). The part discharges outputs
using an internal 6Ω MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com