Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # NB669
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB669 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button NB669 Datasheet HTML 8Page - Monolithic Power Systems NB669 Datasheet HTML 9Page - Monolithic Power Systems NB669 Datasheet HTML 10Page - Monolithic Power Systems NB669 Datasheet HTML 11Page - Monolithic Power Systems NB669 Datasheet HTML 12Page - Monolithic Power Systems NB669 Datasheet HTML 13Page - Monolithic Power Systems NB669 Datasheet HTML 14Page - Monolithic Power Systems NB669 Datasheet HTML 15Page - Monolithic Power Systems NB669 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
NB669, 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB669 Rev. 1.01
www.MonolithicPower.com
12
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
chip. Once ENLDO is off, all the regulators
include Vcc will be off. ENLDO is internally pulled
high so it can be floated in the normal operation.
When ENLDO is pulled high, Pull En high to turn
on the Buck regulator also the charge pump clk,
and pull EN low to turn them off. Do not float the
EN pin.
See Table1 for the logics to control the regulators
Table 1—ENLDO/EN Control
State
ENLDO
EN
VCC VOUT/CLK
LDO
S0
1
1
ON
ON
ON
S3
1
0
ON
OFF
ON
S4/S5
0
0
OFF
OFF
OFF
Others
0
1
OFF
OFF
OFF
For automatic start-up the EN pin can be pulled
up to input voltage through a resistive voltage
divider. Choose the values of the pull-up resistor
(RUP from Vin pin to EN pin) and the pull-down
resistor (RDOWN from EN pin to GND) to
determine the automatic start-up voltage:
−
+
=× UP
DOWN
IN START
DOWN
RR
V1.35
(V)
R
(3)
For example, for RUP=150kΩ and RDOWN=51kΩ,
the
−
IN START
V
is set at 5.32V.
To avoid noise, a 10nF ceramic capacitor from
EN to GND is recommended.
There is an internal Zener diode on the EN pin,
which clamps the EN pin voltage to prevent it
from running away. The maximum pull up current
assuming a worst case 12V internal Zener clamp
should be less than 1mA.
Therefore, when EN is driven by an external logic
signal, the EN voltage should be lower than 12V;
when EN is connected with VIN through a pull-up
resistor or a resistive voltage divider, the
resistance selection should ensure the maximum
pull up current less than 1mA.
If using a resistive voltage divider and VIN higher
than 12V, the allowed minimum pull-up resistor
RUP should meet the following equation:
IN
UP
DOWN
V(V) 12
12
1(mA)
R(k )
R
(k )
−
−<
ΩΩ
(4)
Especially, just using the pull-up resistor RUP (the
pull-down
resistor
is
not
connected),
the
IN-START
V
is determined by input UVLO, and the
minimum resistor value is:
IN
UP
V(V) 12
R(k )
1(mA)
−
Ω>
(5)
A typical pull-up resistor is 499kΩ.
Soft Start
The NB669 employs soft start (SS) mechanism
to ensure smooth output during power-up. When
the EN pin becomes high, the internal reference
voltage ramps up gradually; hence, the output
voltage ramps up smoothly, as well. Once the
reference voltage reaches the target value, the
soft start finishes and it enters into steady state
operation.
If the output is pre-biased to a certain voltage
during startup, the IC will disable the switching of
both high-side and low-side switches until the
voltage on the internal reference exceeds the
sensed output voltage at the internal FB node.
5V Linear Regulator
There is a built-in 100-mA standby linear
regulator which outputs 5V.The 5V LDO is
intended mainly for auxiliary 5V supply for the
notebook system during standby mode.
Add a ceramic capacitor with a value between
4.7μF and 22μF placed close to the LDO pins to
stabilize LDOs.
5V LDO Switch Over
When the output voltage becomes higher than
4.77V and the power good flag is generated,
internal 5V LDO regulator is shut off and the LDO
output is connected to Vout pin by the internal
switch over MOSFET. The 20-us power good
deglitch time helps a switch over without glitch.
CLK for Charge Pump
The 300kHz CLK signal can be used to drive an
external charge pump circuit to generate
approximately 12-15V DC voltage. The CLK
voltage becomes available once the VIN is higher
than UVLO threshold. Example of charge pump
control circuit is shown in Figure 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com