Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # NB669
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB669 Datasheet(HTML) 1 Page - Monolithic Power Systems

  NB669 Datasheet HTML 1Page - Monolithic Power Systems NB669 Datasheet HTML 2Page - Monolithic Power Systems NB669 Datasheet HTML 3Page - Monolithic Power Systems NB669 Datasheet HTML 4Page - Monolithic Power Systems NB669 Datasheet HTML 5Page - Monolithic Power Systems NB669 Datasheet HTML 6Page - Monolithic Power Systems NB669 Datasheet HTML 7Page - Monolithic Power Systems NB669 Datasheet HTML 8Page - Monolithic Power Systems NB669 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
NB669
24V, High Current
Synchronous Buck Converter With LDO
NB669 Rev. 1.01
www.MonolithicPower.com
1
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The NB669 is a fully integrated high frequency
synchronous rectified step-down switch mode
converter with 5V fixed output voltage. It offers
very compact solution to achieve 6A continuous
output current and 9A peak output current over
a wide input supply range with excellent load
and line regulation. The NB669 operates at high
efficiency over a wide output current load range.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
Under voltage lockout is internally set as 4.15 V.
An open drain power good signal indicates the
output is within its nominal voltage range.
NB669 also provides a 5V LDO, which can be
used to power the external peripheries, such as
the keyboard controller in the laptop computer.
A 300kHz CLK is also available; its output can
be used to drive an external charge pump,
generating gate drive voltage for the load
switches without reducing the main converter’s
efficiency.
Full protection features include OCP, OVP,
UVP and thermal shut down.
The converter requires minimum number of
external components and is available in QFN16
(3mmx3mm) package.
FEATURES
• Wide 6.5V to 24V Operating Input Range
• 5V Fixed Output Voltage
• Built-in 5V, 100mA LDO with Switches
• 6A Continuous Output Current
• 9A Peak Output Current
• 300kHZ CLK for External Charge Pump
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• Internal Soft Start
• Output Discharge
• 500kHZ Switching Frequency
• OCP, OVP, UVP Protection and Thermal
Shutdown
APPLICATIONS
•
Laptop Computer
•
Tablet PC
•
Networking Systems
•
Personal Video Recorders
•
Flat Panel Television and Monitors
•
Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - NB669

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
NB6 GLENAIR-NB6 Datasheet
58Kb / 1P
Military Standard Connector Index
logo
Monolithic Power System...
NB621 MPS-NB621 Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB621EV MPS-NB621EV Datasheet
1,000Kb / 14P
8A, 25V, 600kHz Synchronous Step-Down Converter with Integrated LDO
NB633 MPS-NB633 Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
NB633EL MPS-NB633EL Datasheet
614Kb / 13P
High Efficiency 3A, 24V, 500kHz Synchronous Step-down Converter
Rev. 0.9
More results

Similar Description - NB669

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
logo
ON Semiconductor
NCP3231 ONSEMI-NCP3231 Datasheet
157Kb / 15P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 5
NCP3231A ONSEMI-NCP3231A Datasheet
153Kb / 14P
High Current Synchronous Buck Converter
May, 2015 ??Rev. 3
NCP3232N ONSEMI-NCP3232N Datasheet
185Kb / 14P
High Current Synchronous Buck Converter
June, 2015 ??Rev. 5
NCP3233 ONSEMI-NCP3233 Datasheet
128Kb / 17P
High Current Synchronous Buck Converter
November, 2015 ??Rev. 4
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
logo
ON Semiconductor
NCP3230 ONSEMI-NCP3230 Datasheet
156Kb / 15P
High Current Synchronous Buck Converter
August, 2016 ??Rev. 0
NCP3233 ONSEMI-NCP3233_16 Datasheet
135Kb / 17P
High Current Synchronous Buck Converter
February, 2016 ??Rev. 5
NCP3235 ONSEMI-NCP3235 Datasheet
318Kb / 16P
High Current Synchronous Buck Converter
May, 2016 ??Rev. 0
NCP3231B ONSEMI-NCP3231B Datasheet
296Kb / 14P
Buck Converter - Synchronous, High Current
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com