Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB669 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # NB669
Description  24V, High Current Synchronous Buck Converter With LDO
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB669 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button NB669 Datasheet HTML 7Page - Monolithic Power Systems NB669 Datasheet HTML 8Page - Monolithic Power Systems NB669 Datasheet HTML 9Page - Monolithic Power Systems NB669 Datasheet HTML 10Page - Monolithic Power Systems NB669 Datasheet HTML 11Page - Monolithic Power Systems NB669 Datasheet HTML 12Page - Monolithic Power Systems NB669 Datasheet HTML 13Page - Monolithic Power Systems NB669 Datasheet HTML 14Page - Monolithic Power Systems NB669 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NB669, 24V, HIGH CURRENT SYNCHRONOUS BUCK CONVERTER WITH LDO
NB669 Rev. 1.01
www.MonolithicPower.com
11
7/23/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 3—Light Load Operation
As the output current increases from the light
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned ON more frequently.
Hence,
the
switching
frequency
increases
correspondingly. The output current reaches the
critical level when the current modulator time is
zero. The critical level of the output current is
determined as follows:
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V
−×
=
××
×
(1)
It turns into PWM mode once the output current
exceeds the critical level. After that, the switching
frequency stays fairly constant over the output
current range.
Jitter and FB Ramp Slope
Jitter occurs in both PWM and skip modes when
noise in the VFB ripple propagates a delay to the
HS-FET driver, as shown in Figures 4 and 5.
Jitter can affect system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope. However, VFB ripple does not
directly affect noise immunity.
V
RE F
V
FB
HS D river
VNOISE
J itter
V
S L O PE1
Figure 4—Jitter in PWM Mode
V
FB
HS D river
Jitter
V
REF
V
SL O P E 2
VNOISE
Figure 5—Jitter in Skip Mode
Selecting the Output Capacitors
The traditional constant-on-time control scheme
is intrinsically unstable if output capacitor’s ESR
is not large enough as an effective current-sense
resistor. Ceramic capacitors usually can not be
used as output capacitor.
Figure 6 shows an equivalent circuit in PWM
mode with the HS-FET off. To realize the stability,
the ESR value should be chosen as follow:
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
≥
(2)
TSW is the switching period.
R
R
ESR
CAP
FB
VOUT
L
VOUT
SW
Figure 6—Simplified Circuit in PWM Mode
The
NB669
has
built
in
internal
ramp
compensation to make sure the system is stable
even without the help of output capacitor’s ESR;
and thus the pure ceramic capacitor solution can
be applicant. The pure ceramic capacitor solution
can significantly reduce the output ripple, total
BOM cost and the board area.
Configuring the EN Control
The NB669 has two enable pins to control the
on/off of the internal regulators.
ENLDO is used to enable or disable the whole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com