Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3008KIT Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

ZSSC3008KIT Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # ZSSC3008KIT
Download  ZSSC3008KIT Download
File Size   763.88 Kbytes
Page   46 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Sensor Signal Conditioner with Diagnostics

ZSSC3008KIT Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSSC3008KIT Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # ZSSC3008KIT
Download  ZSSC3008KIT Click to download

File Size   763.88 Kbytes
Page   46 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Sensor Signal Conditioner with Diagnostics

ZSSC3008KIT Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


ZSSC3008KIT Product details

Brief Description
The ZSSC3008 is a sensor signal conditioner IC that is adjustable to nearly all piezo-resistive bridge sen-sors. Measured and corrected bridge values are pro-vided at the SIG™ pin, which can be configured as an analog voltage output or as a one-wire serial dig-ital output.
The digital one-wire interface (OWI) can be used for a simple PC-controlled calibration procedure to pro-gram a set of calibration coefficients into an on-chip EEPROM. The calibrated ZSSC3008 and a specific sensor are mated digitally: fast, precise, and without the cost overhead associated with trimming by exter-nal devices or laser. Integrated diagnostics functions make the ZSSC3008 particularly well-suited for auto-motive applications.

Features
Digital compensation of sensor offset, sensitivity, and non-linearity
Programmable analog gain and digital gain; accommodates bridges with spans < 1mV/V and high offset
Many diagnostic features on chip (e.g., EEPROM signature, bridge connection checks, bridge short detection, power loss detection)
Independently programmable high and low clipping levels
24-bit customer ID field for module traceability
Output options: rail-to-rail ratiometric analog voltage (12-bit resolution), absolute analog voltage, digital one-wire interface
Fast power-up to data out response; output available 5ms after power-up
Current consumption depends on programmed sample rate: 1mA down to 250㎂ (typical)
Fast response time: 1ms (typical)
High voltage protection up to 30V with external JFET




Similar Part No. - ZSSC3008KIT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
ZSSC3008AA2R ETC2-ZSSC3008AA2R Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
ZSSC3008AA2T ETC2-ZSSC3008AA2T Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
More results


Similar Description - ZSSC3008KIT

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
Sensor Signal Conditioner
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
Sensor Signal Conditioner
ZMD31015 ZMD-ZMD31015_10 Datasheet
163Kb / 2P
RBicdLite Low-Cost Sensor Signal Conditioner with Diagnostics
logo
List of Unclassifed Man...
ZSSC3008 ETC2-ZSSC3008 Datasheet
772Kb / 47P
Sensor Signal Conditioner with Diagnostics
ZSSC3015 ETC2-ZSSC3015 Datasheet
1,002Kb / 51P
Sensor Signal Conditioner with Diagnostics
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3015 IDT-ZSSC3015 Datasheet
508Kb / 48P
Sensor Signal Conditioner with Diagnostics
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
xMR Sensor Signal Conditioner
ZSSC3015 RENESAS-ZSSC3015 Datasheet
672Kb / 49P
RBicdLite-AutoTM Sensor Signal Conditioner with Diagnostics
January 20, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com