Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4990A Datasheet (PDF) - STMicroelectronics

L4990A Datasheet PDF - STMicroelectronics
Part # L4990A
Download  L4990A Download
File Size   322.27 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRIMARY CONTROLLER

L4990A Datasheet (PDF)

Go To PDF Page Download Datasheet
L4990A Datasheet PDF - STMicroelectronics

Part # L4990A
Download  L4990A Click to download

File Size   322.27 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRIMARY CONTROLLER

L4990A Datasheet (HTML) - STMicroelectronics


L4990A Product details

DESCRIPTION

This primary controller I.C., developed in BCD60II technology, has been designed to implement off line or DC-DC power supply applications using a fixed frequency current mode control. Based on a standard current mode PWM control ler this device includes some features as programmable soft start, IN/OUT synchronization, disable (to be used for over voltage protection and for power management), precise maximum Duty Cycle Control, 100ns (typ) leading edge blanking on current sense, pulse by pulse current limit and overcurrent protection with soft start in tervention.



■ CURRENT-MODE CONTROL PWM

■ SWITCHING FREQUENCY UP TO 1MHz

■ LOW START-UP CURRENT < 0.45mA

■ HIGH-CURRENT OUTPUT DRIVE SUITABLE FOR POWER MOSFET (1A)

■ FULLY LATCHED PWM LOGIC WITH DOUBLE PULSE SUPPRESSION

■ PROGRAMMABLE DUTY CYCLE

■ 100% AND 50% MAXIMUM DUTY CYCLE LIMIT

■ PROGRAMMABLE SOFT START

■ PRIMARY OVERCURRENT FAULT DETECTION WITH RE-START DELAY

■ PWM UVLO WITH HYSTERESIS

■ IN/OUT SYNCHRONIZATION

■ DISABLE LATCHED

■ INTERNAL 100ns LEADING EDGE BLANKING OF CURRENT SENSE

■ PACKAGE: DIP16 AND SO16W



 




Similar Part No. - L4990A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4992 STMICROELECTRONICS-L4992 Datasheet
296Kb / 26P
TRIPLE OUTPUT POWER SUPPLY CONTROLLER
Jun-2000
L4993 STMICROELECTRONICS-L4993 Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
L4993D STMICROELECTRONICS-L4993D Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
L4993D STMICROELECTRONICS-L4993D Datasheet
1Mb / 22P
for car body applications
Oct-2013
L4993DTR STMICROELECTRONICS-L4993DTR Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
More results


Similar Description - L4990A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1548 TI-UC1548 Datasheet
345Kb / 9P
Primary Side PWM Controller
logo
List of Unclassifed Man...
AS2214 ETC-AS2214 Datasheet
53Kb / 8P
Primary Side PWM Controller
logo
STMicroelectronics
TSM006 STMICROELECTRONICS-TSM006 Datasheet
179Kb / 13P
Primary PWM Controller
L6668 STMICROELECTRONICS-L6668 Datasheet
671Kb / 23P
SMART PRIMARY CONTROLLER
May-2005
logo
Texas Instruments
UCC1809-1 TI-UCC1809-1 Datasheet
162Kb / 11P
Economy Primary Side Controller
logo
STMicroelectronics
TSM007 STMICROELECTRONICS-TSM007 Datasheet
131Kb / 12P
Primary PWM Controller
Jun-2004
L5991 STMICROELECTRONICS-L5991 Datasheet
427Kb / 19P
PRIMARY CONTROLLER WITH STANDBY
Aug-1999
L6668 STMICROELECTRONICS-L6668_06 Datasheet
717Kb / 23P
SMART PRIMARY CONTROLLER
13-Jan-2006
L5991AD13TR STMICROELECTRONICS-L5991AD13TR Datasheet
416Kb / 23P
PRIMARY CONTROLLER WITH STANDBY
Aug-2001
logo
Texas Instruments
UCC1809-1 TI1-UCC1809-1_16 Datasheet
1Mb / 23P
Economy Primary Side Controller
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com