Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6222 Datasheet (PDF) - Torex Semiconductor

XC6222 Datasheet PDF - Torex Semiconductor
Part # XC6222
Download  XC6222 Download
File Size   702.3 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 700mA High Speed LDO Regulator

XC6222 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6222 Datasheet PDF - Torex Semiconductor

Part # XC6222
Download  XC6222 Click to download

File Size   702.3 Kbytes
Page   27 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 700mA High Speed LDO Regulator

XC6222 Datasheet (HTML) - Torex Semiconductor


XC6222 Product details

■GENERAL DESCRIPTION
The XC6222 series is a highly accurate, low noise, high ripple rejection, low dropout, and low power consumption high speed voltage regulator. The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a thermal protection circuit, and a phase compensation circuit.
The CE function enables the entire circuit to be placed in a stand-by state by inputting a low level signal to the CE pin. In this stand-by mode, the electric charge at the output capacitor (CL) will be discharged by the internal auto-discharge switch, and as a result the VOUT pin will quickly return to the VSS level.
Over-current protection and thermal protection circuits are integrated. The protection circuit starts to operate when either output current reaches the current limit level or junction temperature reaches the temperature limit.

■APPLICATIONS
● USB / HDMI products
● Optical disk drive
● Magnetic disk drive
● Smart phones / Mobile phones
● Portable game consoles
● Modules (wireless, cameras, etc. )
● E-book Reader / Electronic dictionaries

■FEATURES
Maximum Output Current : 700mA
Dropout Voltage : 120mV @IOUT=300mA (VOUT=3.0V)
Operating Voltage Range : 1.7V ~ 6.0V
Output Voltage : 0.8V~5.0V (0.05V increments)
Accuracy : +1% (VOUT>2.0V) +0.02V (VOUT≦2.0V)
Low Power Consumption : 100μA
High Ripple Rejection : 65dB @ 1kHz
Low ESR Capacito r: Ceramic capacitor
Chip Enable (CE) : Active High, CL discharge Standby Current below 0.1μA
Operating Ambient Temperature : -40℃~+85℃
Packages : USP-6C, SOT-25, SOT-89-5
Environmentally Friendly : EU RoHS Compliant, Pb Free




Similar Part No. - XC6222

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222A081ER-G TOREX-XC6222A081ER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222A081MR-G TOREX-XC6222A081MR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222A081PR-G TOREX-XC6222A081PR-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222A08BER-G TOREX-XC6222A08BER-G Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
More results


Similar Description - XC6222

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
High Speed LDO Regulator
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
30mA High Speed LDO Regulator
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
700mA High Speed LDO Regulator with Reverse Current Protection
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
High Speed Dual LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com