Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6227 Datasheet (PDF) - Torex Semiconductor

XC6227 Datasheet PDF - Torex Semiconductor
Part # XC6227
Download  XC6227 Download
File Size   612.66 Kbytes
Page   25 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 700mA High Speed LDO Regulator with Reverse Current Protection

XC6227 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6227 Datasheet PDF - Torex Semiconductor

Part # XC6227
Download  XC6227 Click to download

File Size   612.66 Kbytes
Page   25 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 700mA High Speed LDO Regulator with Reverse Current Protection

XC6227 Datasheet (HTML) - Torex Semiconductor


XC6227 Product details

■ GENERAL DESCRIPTION
The XC6227 series is a highly accurate, low noise, high ripple rejection, low dropout, and low power consumption high speed voltage regulator.
The series consists of a voltage reference, an error amplifier, a driver transistor, a current limiter, a thermal protection circuit, a reverse current protection circuit and a phase compensation circuit.
The CE function enables the entire circuit to be placed in a stand-by state by inputting a low level signal to the CE pin. Over-current protection and thermal protection circuits are integrated. The protection circuit starts to operate when either output current reaches the current limit level or junction temperature reaches the temperature limit. With the reverse current protection function of a driver transistor, the reverse current flow is prohibited when VOUT voltage is higher than VIN voltage. For an example, when a battery is connected to the VOUT pin, battery current will not flow back to the XC6227.

■ FEATURES
   Maximum Output Current : 700mA
   Dropout Voltage : 120mV @IOUT=300mA(VOUT=3.0V)
   Operating Voltage Range : 1.7V ~ 6.0V
   Output Voltages : 0.8V~5.0V (0.05V increments)
   Accuracy :
               +1% (VOUT>2.0V)
               +0.02V (VOUT≦ 2.0V)
   Low Power Consumption : 100μ A
   Chip Enable(CE) :
               Active High
               Standby Current below 0.1μ A
   High Ripple Rejection : 65dB @ 1kHz
   Operating Ambient Temperature : -40℃ ~+85℃
   Low ESR Capacitor : Ceramic capacitor
   Packages : USP-6C, SOT-25, SOT-89-5
   Environmentally Friendly : EU RoHS Compliant, Pb Free
  
■ APPLICATIONS
● USB products and HDMI equipments
● E-book Readers / Electronic dictionaries
● Smart Phones / Mobile phones
● Portable game consoles
● Modules (Wireless, Camera, etc.)




Similar Part No. - XC6227

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6227 TECHPUBLIC-XC6227 Datasheet
3Mb / 6P
High Speed LDO Regulator with Reverse Current Protection
XC6227C121MR TECHPUBLIC-XC6227C121MR Datasheet
3Mb / 6P
High Speed LDO Regulator with Reverse Current Protection
XC6227C121PR TECHPUBLIC-XC6227C121PR Datasheet
3Mb / 6P
High Speed LDO Regulator with Reverse Current Protection
XC6227C151MR TECHPUBLIC-XC6227C151MR Datasheet
3Mb / 6P
High Speed LDO Regulator with Reverse Current Protection
XC6227C151PR TECHPUBLIC-XC6227C151PR Datasheet
3Mb / 6P
High Speed LDO Regulator with Reverse Current Protection
More results


Similar Description - XC6227

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
logo
Torex Semiconductor
XC6222 TOREX-XC6222 Datasheet
596Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
700mA High Speed LDO Regulator with Reverse Current Protection
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
Reverse Current Protection, 700mA High Speed LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
700mA High Speed Dual LDO Regulator
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
April 1, 2012
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Nisshinbo Micro Devices...
R1163X NISSHINBO-R1163X Datasheet
796Kb / 30P
3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
300mA LDO REGULATOR with the Reverse Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com