Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6227 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6227 Datasheet HTML 1Page - Torex Semiconductor XC6227 Datasheet HTML 2Page - Torex Semiconductor XC6227 Datasheet HTML 3Page - Torex Semiconductor XC6227 Datasheet HTML 4Page - Torex Semiconductor XC6227 Datasheet HTML 5Page - Torex Semiconductor XC6227 Datasheet HTML 6Page - Torex Semiconductor XC6227 Datasheet HTML 7Page - Torex Semiconductor XC6227 Datasheet HTML 8Page - Torex Semiconductor XC6227 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
XC6227 Series
*The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance
mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No. 5) pin.
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTIONS
1
1
4
VIN
Power Input
3
5
5
VOUT
Output
2,4
4
3
NC
No connection
5
2
2
VSS
Ground
6
3
1
CE
ON/OFF Control
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type of CE (
*2)
C
with CE Active High, with CE Pull-down resistor
②③
Output Voltage
08~50
e.g. 2.8V → ②=2, ③=8
1
Output voltage {x.x0V} e.g. 2.80V → ②=2, ③=8, ④=1
④
Output Voltage
(the 2
nd decimal place)
B
Output voltage {x.x5V} e.g. 2.85V → ②=2, ③=8, ④=B
MR-G
SOT-25 (3,000/Reel)
PR-G
SOT-89-5 (1,000/Reel)
⑤⑥-⑦ (*1)
Packages (Order Unit)
ER-G
USP-6C (3,000/Reel)
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC6227①②③④⑤⑥-⑦(
*1)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
(*2) For without CE Pull-down, please contact your local Torex sales office or representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com