Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6227 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6227 Datasheet HTML 1Page - Torex Semiconductor XC6227 Datasheet HTML 2Page - Torex Semiconductor XC6227 Datasheet HTML 3Page - Torex Semiconductor XC6227 Datasheet HTML 4Page - Torex Semiconductor XC6227 Datasheet HTML 5Page - Torex Semiconductor XC6227 Datasheet HTML 6Page - Torex Semiconductor XC6227 Datasheet HTML 7Page - Torex Semiconductor XC6227 Datasheet HTML 8Page - Torex Semiconductor XC6227 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4/25
XC6227 Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
VOUT(T)>2.0V, VCE=VIN, IOUT=10mA
×0.99
(*3)
×1.01
(*3)
Output Voltage
VOUT(E)
(*2)
VOUT(T)≦2.0V, VCE=VIN, IOUT=10mA
-0.02
(*3)
VOUT(T)
(*4)
+0.02
(*3)
V
①
VCE=VIN, VIN=VOUT(T)+1.0V
VOUT(T)>1.5V
Output Current
IOUTMAX
VCE=VIN, VIN=2.5V
VOUT(T)≦1.5V
700
-
-
mA
①
Load Regulation
ΔVOUT
VCE=VIN, 0.1mA≦IOUT≦300mA
E-1
mV
①
Dropout Voltage1
(*5)
Vdif
IOUT=300mA, VCE=VIN
E-2
mV
①
Dropout Voltage2
(*5)
Vdif2
IOUT=0mA, VCE=VIN
E-3
mV
①
Supply Current
ISS
VIN=VCE=VOUT(T)+1.0V, IOUT=0mA
-
100
220
μ
A
②
Stand-by Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.1
μ
A
②
VOUT(T)+0.5V≦VIN≦6.0V
:VOUT(T)≧1.0V
VCE=VIN, IOUT=30mA
Line Regulation
ΔVOUT/
(ΔVIN ・VOUT)
1.5V≦VIN≦6.0V
:VOUT(T)≦0.95V
VCE=VIN, IOUT=30mA
-
0.01
0.1
%/V
①
Input Voltage
VIN
1.7
-
6.0
V
①
Output Voltage
Temperature
Characteristics
ΔVOUT/
(ΔTa ・VOUT)
VCE=VIN, IOUT=30mA
-40℃≦Ta≦85℃
-
±100
-
ppm
/℃
①
VOUT(T)≧4.8V,
VIN=5.75VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
1.0V≦VOUT(T)<4.8V
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
Power Supply
Rejection Ratio
PSRR
VOUT(T)<1.0V,
VIN=2.0VDC+0.5Vp-pAC
VCE=VIN, IOUT=30mA, f=1kHz
-
65
-
dB
③
VCE=VIN, VIN=VOUT(T)+1.0V
VOUT(T)>1.5V
Limit Current
Ilim
VCE=VIN, VIN=2.5V
VOUT(T)≦1.5V
720
950
-
mA
①
Short Current
Ishort
VCE=VIN, Short VOUT to VSS level
-
55
-
mA
①
CE High Level Voltage
VCEH
1.2
-
6.0
V
①
CE Low Level Voltage
VCEL
-
-
0.3
V
①
CE High Level Current
ICEH
VCE=VIN=6.0V, XC6227C Series
17.7
24
36.9
μ
A
①
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
①
Reverse Current
(*8)
IREV
VIN=0V, VOUT= 6.0V
(*10)
-
0.01
1.5
μ
A
①
VOUT Pin Sink Current
(*9)
IREVS
VIN=5.0V, VOUT=6.0V
(*10)
-
2.8
5.3
μ
A
①
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
℃
①
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
℃
①
Ta=25℃
■
ELECTRICAL CHARACTERISTICS
●
XC6227 Series
NOTE:
* 1: Unless otherwise stated, input voltage is VIN=VOUT(T)+1.0V.
* 2: VOUT(E) is effective output voltage (Refer to the voltage chart E-1 and E-2)
It is defined as output voltages when an amply stabilized VOUT(T)+1.0V is supplied to the VIN pin while maintaining a certain IOUT .
* 3: The relation between VOUT(E) and VOUT(T) is shown in the voltage chart E-1 and E-2.
* 4: VOUT(T) is nominal output voltage
* 5: Vdif (Vdif2)= {VIN1
(*7)-VOUT1(*6)}
* 6: VOUT1 equals 98% of the output voltage when amply stabilized VOUT (T)+1.0V are supplied to the VIN pin.
* 7: VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
* 8: Reverse current (IREV) flows from VOUT to VIN.
* 9: VOUT pin sink current (IREVS) flows from VOUT to VSS.
*10: Please note when an external power supply connects to the VOUT pin, please use it with 6.0V or less.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com