Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6227 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6227 Datasheet HTML 1Page - Torex Semiconductor XC6227 Datasheet HTML 2Page - Torex Semiconductor XC6227 Datasheet HTML 3Page - Torex Semiconductor XC6227 Datasheet HTML 4Page - Torex Semiconductor XC6227 Datasheet HTML 5Page - Torex Semiconductor XC6227 Datasheet HTML 6Page - Torex Semiconductor XC6227 Datasheet HTML 7Page - Torex Semiconductor XC6227 Datasheet HTML 8Page - Torex Semiconductor XC6227 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5/25
XC6227
Series
NOMINAL
OUTPUT
VOLTAGE
OUTPUT VOLTAGE
LOAD REGULATION
DROPOUT VOLTAGE 1
DROPOUT VOLTAGE 2
(V)
(V)
E-1 (mV)
E-2 (mV)
E-3 (mV)
VOUT(E)
ΔVOUT
Vdif
Vdif2
VOUT(T)
MIN.
MAX.
TYP.
MAX.
MAX.
TYP.
MAX.
TYP.
0.80
0.7800
0.8200
25
50
720
880
230
510
0.85
0.8300
0.8700
25
50
720
880
230
510
0.90
0.8800
0.9200
25
50
720
880
230
510
0.95
0.9300
0.9700
25
50
720
880
230
510
1.00
0.9800
1.0200
25
50
570
740
75
260
1.05
1.0300
1.0700
30
60
570
740
75
260
1.10
1.0800
1.1200
30
60
570
740
75
260
1.15
1.1300
1.1700
30
60
570
740
75
260
1.20
1.1800
1.2200
30
60
420
570
50
135
1.25
1.2300
1.2700
30
60
420
570
40
80
1.30
1.2800
1.3200
30
60
420
570
40
80
1.35
1.3300
1.3700
30
60
420
570
40
80
1.40
1.3800
1.4200
30
60
320
470
40
80
1.45
1.4300
1.4700
30
60
320
470
40
80
1.50
1.4800
1.5200
30
60
280
410
40
80
1.55
1.5300
1.5700
30
60
280
410
40
80
1.60
1.5800
1.6200
30
60
280
410
40
80
1.65
1.6300
1.6700
30
60
280
410
40
80
1.70
1.6800
1.7200
30
60
280
410
40
80
1.75
1.7300
1.7700
30
60
280
410
40
80
1.80
1.7800
1.8200
30
60
220
350
40
80
1.85
1.8300
1.8700
30
60
220
350
40
80
1.90
1.8800
1.9200
30
60
220
350
40
80
1.95
1.9300
1.9700
30
60
220
350
40
80
2.00
1.9800
2.0200
30
60
200
320
40
80
2.05
2.0295
2.0705
35
70
200
320
40
80
2.10
2.0790
2.1210
35
70
200
320
40
80
2.15
2.1285
2.1715
35
70
200
320
40
80
2.20
2.1780
2.2220
35
70
200
320
40
80
2.25
2.2275
2.2725
35
70
200
320
40
80
2.30
2.2770
2.3230
35
70
200
320
40
80
2.35
2.3265
2.3735
35
70
200
320
40
80
2.40
2.3760
2.4240
35
70
200
320
40
80
2.45
2.4255
2.4745
35
70
200
320
40
80
2.50
2.4750
2.5250
35
70
160
260
40
80
2.55
2.5245
2.5755
35
70
160
260
40
80
2.60
2.5740
2.6260
35
70
160
260
40
80
2.65
2.6235
2.6765
35
70
160
260
40
80
2.70
2.6730
2.7270
35
70
160
260
40
80
2.75
2.7225
2.7775
35
70
160
260
40
80
2.80
2.7720
2.8280
35
70
160
260
40
80
2.85
2.8215
2.8785
35
70
160
260
40
80
2.90
2.8710
2.9290
35
70
160
260
40
80
2.95
2.9205
2.9795
35
70
160
260
40
80
3.00
2.9700
3.0300
43
85
120
200
40
80
■
OUTPUT VOLTAGE CHART
●
Voltage Chart 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com