Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6227 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor XC6227 Datasheet HTML 20Page - Torex Semiconductor XC6227 Datasheet HTML 21Page - Torex Semiconductor XC6227 Datasheet HTML 22Page - Torex Semiconductor XC6227 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
19/25
XC6227
Series
■特性例
  (13) リップル除去率特性例
Ta = 25℃, IOUT=30mA
VIN = 3.8VDC+0.5Vp-pAC, CL = 2.2μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 5.75VDC+0.5Vp-pAC, CL = 2.2μF (ceramic)
XC6227x281
0
20
40
60
80
10
100
1k
10k
100k
1M
Ripple Frequency: f [Hz]
XC6227x501
0
20
40
60
80
10
100
1k
10k
100k
1M
Ripple Frequency: f [Hz]
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(13) Ripple Rejection Rate (Continued)
(14) Output Noise Density
XC6227x121
0.01
0.1
1
10
100
0.1
1
10
100
Frequency : f [kHz]
IOUT=30mA
VIN=2.2V, Ta=25℃
CIN=1.0μF(ceramic), CL=6.8μF(ceramic)
Frequency-Range : 0.1~100kHz
Output Noise : 51.53μVrms
XC6227x181
0.01
0.1
1
10
100
0.1
1
10
100
Frequency : f [kHz]
IOUT=30mA
VIN=2.8, Ta=25℃
CIN=1.0μF(ceramic), CL=6.8μF(ceramic)
Frequency-Range : 0.1~100kHz
Output Noise : 76.29μVrms
XC6227x331
0.01
0.1
1
10
100
0.1
1
10
100
Frequency : f [kHz]
IOUT=30mA
VIN=5.0V, Ta=25℃
CIN=1.0μF(ceramic), CL=2.2μF(ceramic)
Frequency-Range : 0.1~100kHz
Output Noise : 143.28μVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com