Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC Datasheet (PDF) - TT Electronics.

BPC Datasheet PDF - TT Electronics.
Part # BPC_V01
Download  BPC Download
File Size   285.48 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 3W to 10W Planar High Power Resistors

BPC Datasheet (PDF)

Go To PDF Page Download Datasheet
BPC Datasheet PDF - TT Electronics.

Part # BPC_V01
Download  BPC Click to download

File Size   285.48 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description 3W to 10W Planar High Power Resistors

BPC Datasheet (HTML) - TT Electronics.


BPC Product details

Applications
Power supply pre-load resistors.
UPS systems
Snubber and pulse handling circuits.
Pulse generator load resistors.
In-rush current protection
Bleeder Resistors




Similar Part No. - BPC_V01

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
BPC-1030-35-2-01 COHERENT-BPC-1030-35-2-01 Datasheet
438Kb / 2P
DUAL-STAGE BBO POCKELS CELL
logo
BOSER Technology Co., L...
BPC-3610 BOSER-BPC-3610 Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
BPC-3610-C BOSER-BPC-3610-C Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
BPC-3610-E BOSER-BPC-3610-E Datasheet
1Mb / 26P
10.4??Small Size Panel PC with CF, TV-Out, AC/DC P/S
BPC-5017-J BOSER-BPC-5017-J Datasheet
281Kb / 1P
Aluminum front panel design
More results


Similar Description - BPC_V01

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
logo
Welwyn Components Limit...
4500 WELWYN-4500 Datasheet
130Kb / 2P
HIGH VOLTAGE PLANAR RESISTORS
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
RCD COMPONENTS INC.
ML2010V-R100-FB RCD-ML2010V-R100-FB Datasheet
38Kb / 1P
LOW-OHM CHIP RESISTORS, 0.1W TO 3W
TP05-1R00-DBW RCD-TP05-1R00-DBW Datasheet
61Kb / 1P
HIGH POWER PLANAR RESISTORS, 5W to 100W
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
TT Electronics.
4500 TTELEC-4500_17 Datasheet
449Kb / 3P
High Voltage Planar Resistors
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com