Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPC Datasheet(PDF) 2 Page - TT Electronics.

Part # BPC
Description  3W to 10W Planar High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPC Datasheet(HTML) 2 Page - TT Electronics.

  BPC_V01 Datasheet HTML 1Page - TT Electronics. BPC_V01 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3W to 10W Planar High
Power Resistors
BPC Series
Derating Curve
Overload Characteristic
20 x Nominal
Power Rating
Power
Nominal
Power Rating
Time Milliseconds
08
Ordering Information
BI Technologies IRC Welwyn
06.18
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
Derating Curve
Ordering Procedure
Example: BPC10103G (BPC10, 10 kilohms ±2%, Pb-free)
B P C 1
0
1
0
3
G
1
2
3
1
2
3
Type
Value
Tolerance
BPC3
2 digits + multiplier
xRx for values <10 ohms
0Rxxx for values <1 ohm
F = ±1%
BPC5
G = ±2%
BPC7
J = ±5%
BPC10
K = ±10%
Derating Curve
Ordering Procedure
Example: BPC10103G (BPC10, 10 kilohms ±2%, Pb-free)
B P C 1
0
1
0
3
G
1
2
3
1
2
3
Type
Value
Tolerance
BPC3
2 digits + multiplier
xRx for values <10 ohms
0Rxxx for values <1 ohm
F = ±1%
BPC5
G = ±2%
BPC7
J = ±5%
BPC10
K = ±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com