Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet (PDF) - Infineon Technologies AG

S29GL01GS Datasheet PDF - Infineon Technologies AG
Part # S29GL01GS
Download  S29GL01GS Download
File Size   906.3 Kbytes
Page   106 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GL-S MirrorBit® Eclipse™ Flash Non-Volatile Memory Family

S29GL01GS Datasheet (PDF)

Go To PDF Page Download Datasheet
S29GL01GS Datasheet PDF - Infineon Technologies AG

Part # S29GL01GS
Download  S29GL01GS Click to download

File Size   906.3 Kbytes
Page   106 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description GL-S MirrorBit® Eclipse™ Flash Non-Volatile Memory Family

S29GL01GS Datasheet (HTML) - Infineon Technologies AG


S29GL01GS Product details

Distinctive Characteristics
 65 nm MirrorBit Eclipse Technology
 Single supply (VCC) for read / program / erase (2.7V to 3.6V)
 Versatile I/O Feature
– Wide I/O voltage range (VIO): 1.65V to VCC
 x16 data bus
 Asynchronous 32-byte Page read
 512-byte Programming Buffer
– Programming in Page multiples, up to a maximum of 512 bytes
 Single word and multiple program on same word options
 Sector Erase
– Uniform 128-kbyte sectors
 Suspend and Resume commands for Program and Erase
operations
 Status Register, Data Polling, and Ready/Busy pin methods
to determine device status
 Advanced Sector Protection (ASP)
– Volatile and non-volatile protection methods for each sector
 Separate 1024-byte One Time Program (OTP) array with two
lockable regions
 Common Flash Interface (CFI) parameter table
 Temperature Range
– Industrial (-40°C to +85°C)
– In-Cabin (-40°C to +105°C)
 100,000 erase cycles for any sector typical
 20-year data retention typical
 Packaging Options
– 56-pin TSOP
– 64-ball LAA Fortified BGA, 13 mm x 11 mm
– 64-ball LAE Fortified BGA, 9 mm x 9 mm
– 56-ball VBU Fortified BGA, 9 mm x 7 mm




Similar Part No. - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS SPANSION-S29GL01GS Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
logo
Cypress Semiconductor
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Infineon Technologies A...
S29GL01GS INFINEON-S29GL01GS Datasheet
1Mb / 122P
128 Mb/256 Mb/512 Mb/1 Gb GL-S MIRRORBIT™ flash Parallel, 3.0 V
Rev. U 2024-06-25
More results


Similar Description - S29GL01GS

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
MirrorBit Flash Family
S29GL01GS SPANSION-S29GL01GS Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS11TFIV20 SPANSION-S29GL01GS11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL01GS11TFI020 SPANSION-S29GL01GS11TFI020 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10TFI010 SPANSION-S29GL128S10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
MirrorBit Flash Non-Volatile Memory
S29GL512S11DHI010 SPANSION-S29GL512S11DHI010 Datasheet
2Mb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
S29GL128S10DHIV10 SPANSION-S29GL128S10DHIV10 Datasheet
906Kb / 106P
GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com