Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS2572 Datasheet (PDF) - ON Semiconductor

FDMS2572 Datasheet PDF - ON Semiconductor
Part # FDMS2572
Download  FDMS2572 Download
File Size   564.62 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UltraFET Trench® MOSFET 150V, 27A, 47mΩ

FDMS2572 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDMS2572 Datasheet PDF - ON Semiconductor

Part # FDMS2572
Download  FDMS2572 Click to download

File Size   564.62 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description N-Channel UltraFET Trench® MOSFET 150V, 27A, 47mΩ

FDMS2572 Datasheet (HTML) - ON Semiconductor


FDMS2572 Product details

Features
Max rDS(on) = 47mΩ at VGS = 10V, ID = 4.5A
Max rDS(on) = 53mΩ at VGS = 6V, ID = 4.5A
Low Miller Charge
Optimized efficiency at high frequencies
UIS Capability (Single pulse and Repetitive pulse)
RoHS Compliant

General Description
UItraFET devices combine characteristics that enable benchmark efficiency in power conversion applications. Optimized for rDS(on), low ESR, low total and Miller gate charge, these devices are ideal for high frequency DC to DC converters.

Application
Distributed Power Architectures and VRMs
Primary Switch for 24V and 48V Systems
High Voltage Synchronous Rectifier




Similar Part No. - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
logo
TECH PUBLIC Electronics...
FDMS2572-TP TECHPUBLIC-FDMS2572-TP Datasheet
3Mb / 5P
N-Channel Enhancement MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
More results


Similar Description - FDMS2572

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS2572 FAIRCHILD-FDS2572 Datasheet
273Kb / 12P
150V, 0.047 Ohms, 4.9A, N-Channel UltraFET Trench MOSFET
HUF75842P3 FAIRCHILD-HUF75842P3 Datasheet
197Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
HUFA75842P3 FAIRCHILD-HUFA75842P3 Datasheet
198Kb / 10P
43A, 150V, 0.042 Ohm, N-Channel, UltraFET Power MOSFET
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
N-Channel UltraFET Trench MOSFET
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
N-Channel UltraFET Trench MOSFET
logo
Fairchild Semiconductor
FDB390N15A FAIRCHILD-FDB390N15A Datasheet
616Kb / 9P
N-Channel PowerTrench짰 MOSFET 150V, 27A, 39m
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
N-Channel UltraFET Trench MOSFET
logo
ON Semiconductor
FDP2710-F085 ONSEMI-FDP2710-F085 Datasheet
520Kb / 8P
Channel PowerTrench® MOSFET 250V, 50A, 47mΩ
September-2017, Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com