Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDMS2572 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMS2572
Description  N-Channel UltraFET Trench® MOSFET 150V, 27A, 47mΩ
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMS2572 Datasheet(HTML) 2 Page - ON Semiconductor

  FDMS2572 Datasheet HTML 1Page - ON Semiconductor FDMS2572 Datasheet HTML 2Page - ON Semiconductor FDMS2572 Datasheet HTML 3Page - ON Semiconductor FDMS2572 Datasheet HTML 4Page - ON Semiconductor FDMS2572 Datasheet HTML 5Page - ON Semiconductor FDMS2572 Datasheet HTML 6Page - ON Semiconductor FDMS2572 Datasheet HTML 7Page - ON Semiconductor FDMS2572 Datasheet HTML 8Page - ON Semiconductor FDMS2572 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
December 2012
©2012 Fairchild Semiconductor Corporation
FDMS2572 Rev.C4
www.fairchildsemi.com
1
FDMS2572
N-Channel UltraFET Trench® MOSFET
150V, 27A, 47m
Ω
Features
Max rDS(on) = 47mΩ at VGS = 10V, ID = 4.5A
Max rDS(on) = 53mΩ at VGS = 6V, ID = 4.5A
Low Miller Charge
Optimized efficiency at high frequencies
UIS Capability (Single pulse and Repetitive pulse)
RoHS Compliant
General Description
UItraFET
devices
combine
characteristics
that
enable
benchmark efficiency in power conversion applications.
Optimized for rDS(on), low ESR, low total and Miller gate charge,
these devices are ideal for high frequency DC to DC converters.
Application
Distributed Power Architectures and VRMs
Primary Switch for 24V and 48V Systems
High Voltage Synchronous Rectifier
MOSFET Maximum Ratings T
A = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
150
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25°C
27
A
-Continuous (Silicon limited)
TC = 25°C
27
-Continuous
TA = 25°C
(Note 1a)
4.5
-Pulsed
30
EAS
Single Pulse Avalanche Energy
(Note 3)
150
mJ
PD
Power Dissipation
TC = 25°C
78
W
Power Dissipation
TA = 25°C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.6
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS2572
FDMS2572
Power 56
13’’
12mm
3000 units
G
S
S
S
Pin 1
Power 56 (Bottom view)
D
D
D
D
4
3
2
1
5
6
7
8
G
S
S
S
D
D
D
D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com