Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AB-RTC-XL-32.768KHZ-2 Datasheet (PDF) - Abracon Corporation

AB-RTC-XL-32.768KHZ-2 Datasheet PDF - Abracon Corporation
Part # AB-RTC-XL-32.768KHZ-2
Download  AB-RTC-XL-32.768KHZ-2 Download
File Size   817.99 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra-Low Power RTC Module

AB-RTC-XL-32.768KHZ-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AB-RTC-XL-32.768KHZ-2 Datasheet PDF - Abracon Corporation

Part # AB-RTC-XL-32.768KHZ-2
Download  AB-RTC-XL-32.768KHZ-2 Click to download

File Size   817.99 Kbytes
Page   10 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description Ultra-Low Power RTC Module

AB-RTC-XL-32.768KHZ-2 Datasheet (HTML) - Abracon Corporation


AB-RTC-XL-32.768KHZ-2 Product details

Features
 Very low power consumption: 190nA @ 3V
 Time accuracy: ±20 ppm @ 25°C
 Oscillator stop detection function
 Integrated CMOS Oscillator with 32.768kHz crystal resonator
 Wide operating voltage range: 0.9V to 5.5V
 Wide interface operating voltage: 1.8 to 5.5V
 Programmable offset register for frequency adjustment
 Internal Power-On Reset (POR)
 Alarm Interrupts for second, minutes, hour, date and weekday
 Automatic leap year calculation (2000 to 2099)
 Clock output: 32.768 kHz,16.384kHz, 8.192 kHz, 4.096 kHz,
2.048 kHz, 1.024 kHz, and 1 Hz
 I2C-bus interface: 400 kHz
 REACH/RoHS II Compliant | MSL Level 1




Similar Part No. - AB-RTC-XL-32.768KHZ-2

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AB-RTC-XLA-32.768KHZ-2 ABRACON-AB-RTC-XLA-32.768KHZ-2 Datasheet
831Kb / 10P
Ultra-Low Power RTC Module
9/9/2025
AB-RTC-XLA-32.768KHZ-2-T1 ABRACON-AB-RTC-XLA-32.768KHZ-2-T1 Datasheet
831Kb / 10P
Ultra-Low Power RTC Module
9/9/2025
AB-RTC-XLA-32.768KHZ-2-T3 ABRACON-AB-RTC-XLA-32.768KHZ-2-T3 Datasheet
831Kb / 10P
Ultra-Low Power RTC Module
9/9/2025
More results


Similar Description - AB-RTC-XL-32.768KHZ-2

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V3021 EMMICRO-V3021 Datasheet
681Kb / 15P
Ultra Low Power 1-Bit 32 kHz RTC
logo
List of Unclassifed Man...
V3020 ETC-V3020 Datasheet
470Kb / 14P
Ultra Low Power 1-Bit 32 kHz RTC
logo
EM Microelectronic - MA...
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
V3020 EMMICRO-V3020 Datasheet
709Kb / 17P
Ultra Low Power 1-Bit 32 kHz RTC
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3 Datasheet
234Kb / 2P
Extreme Low Power RTC Module
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_16 Datasheet
407Kb / 2P
Extreme Low Power RTC Module
logo
Golledge Electronics Lt...
RV2123C2 GOLLEDGE-RV2123C2_18 Datasheet
748Kb / 5P
RTC SPI Bus Low Power
logo
MICORO CRYSTAL SWITZERL...
RV-1805-C3 MICROCRYSTAL-RV-1805-C3_18 Datasheet
1,013Kb / 2P
Extreme Low Power RTC Module
RV-3028-C7 MICROCRYSTAL-RV-3028-C7 Datasheet
1Mb / 2P
Extreme Low Power RTC Module
RV-5028-C7 MICROCRYSTAL-RV-5028-C7 Datasheet
946Kb / 2P
Extreme Low Power RTC Module
Version 1.0/12.2020
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com