Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC24054 Datasheet (PDF) - Microchip Technology

MIC24054 Datasheet PDF - Microchip Technology
Part # MIC24054
Download  MIC24054 Download
File Size   3089.35 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator

MIC24054 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC24054 Datasheet PDF - Microchip Technology

Part # MIC24054
Download  MIC24054 Click to download

File Size   3089.35 Kbytes
Page   39 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12V, 9A High-Efficiency SuperSwitcher™ II Buck Regulator

MIC24054 Datasheet (HTML) - Microchip Technology


MIC24054 Product details

Features
• HyperLight Load® Efficiency: Up to 80% at 10 mA
• Hyper Speed Control® architecture enables
- High Delta V Operation (VIN = 19V and VOUT
= 0.8V)
- Small Output Capacitance
• Input Voltage Range: 4.5V to 19V
• Output Current Up to 9A
• Up to 95% Efficiency
• Adjustable Output Voltage from 0.8V to 5.5V
• ±1% FB Accuracy
• Any Capacitor™ stable: Zero-to-High ESR
• 600 kHz Switching Frequency
• Power Good (PG) Output
• Foldback Current-Limit and “Hiccup” Mode
Short-Circuit Protection
• Safe Start-Up into Pre-Biased Loads
• –40°C to +125°C Junction Temperature Range
• Available in a 28-lead 5 mm x 6 mm VQFN
Package

Applications
• Servers and Work Stations
• Routers, Switches, and Telecom Equipment
• Base Stations

General Description
The MIC24054 is a constant-frequency, synchronous
DC/DC buck regulator that features adaptive on-time
control architecture. The MIC24054 operates over a
supply range of 4.5V to 19V. It has an internal linear
regulator that provides a regulated 5V to power the
internal control circuitry. The MIC24054 operates at a
constant 600 kHz switching frequency in continuous
conduction mode and can be used to provide up to 9A
of output current. The output voltage is adjustable
down to 0.8V.
Microchip’s HyperLight Load® architecture provides
the same high-efficiency and ultra-fast transient
response as the Hyper Speed Control® architecture
under medium to heavy loads, but also maintains high
efficiency under light load conditions by transitioning to
variable frequency, discontinuous mode operation.
The MIC24054 offers a full suite of protection features
to ensure protection of the IC during fault conditions.
These include undervoltage lockout to ensure proper
operation under power-sag conditions, thermal
shutdown, internal soft-start to reduce the inrush
current, foldback current limit and “hiccup mode”
short-circuit protection. The MIC24054 includes a
power good (PG) output to allow simple sequencing.
The 9A Hyper Speed Control part, MIC24053, is also
available from Microchip.




Similar Part No. - MIC24054

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24054YJL MICREL-MIC24054YJL Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
More results


Similar Description - MIC24054

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
12V, 9A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
12V, 12A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
12V, 12A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
12V/9A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-09 RENESAS-ZSPM4022-09 Datasheet
1Mb / 37P
12V/9A Synchronous DC/DC Buck Regulator
January 25, 2016
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com