Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4684 Datasheet (PDF) - Micrel Semiconductor

MIC4684 Datasheet PDF - Micrel Semiconductor
Part # MIC4684
Download  MIC4684 Download
File Size   213.48 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2A High-Efficiency SuperSwitcher Buck Regulator

MIC4684 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4684 Datasheet PDF - Micrel Semiconductor

Part # MIC4684
Download  MIC4684 Click to download

File Size   213.48 Kbytes
Page   16 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2A High-Efficiency SuperSwitcher Buck Regulator

MIC4684 Datasheet (HTML) - Micrel Semiconductor


MIC4684 Product details

General Description
The MIC4684 is a high-efficiency 200kHz stepdown (buck) switching regulator. Power conversion efficiency of above 85% is easily obtainable for a wide variety of applications. The MIC4684 achieves 2A of continuous current in an 8-lead SO (small outline) package at 60°C ambient temperature.

Features
• SO-8 package with 2A continuous output current
• Over 85% efficiency
• Fixed 200kHz PWM operation
• Wide 4V to 30V input voltage range
• Output voltage adjustable to 1.235V
• All surface mount solution
• Internally compensated with fast transient response
• Over-current protection
• Frequency foldback short-circuit protection
• Thermal shutdown

Applications
• Simple high-efficiency step-down regulator
• 5V to 3.3V/1.7A converter (60°C ambient)
• 12V to 1.8V/2A converter (60°C ambient)
• On-card switching regulator
• Dual-output ±5V converter
• Battery charger




Similar Part No. - MIC4684

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4684BM MICREL-MIC4684BM Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684YM MICREL-MIC4684YM Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
More results


Similar Description - MIC4684

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
MIC4681 MICREL-MIC4681 Datasheet
395Kb / 19P
2A-Peak SuperSwitcher??SOP-8 Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
logo
Renesas Technology Corp
ISL78322 RENESAS-ISL78322 Datasheet
1Mb / 17P
Dual 2A/1.7A, 2.25MHz High-Efficiency, Synchronous Buck Regulator
logo
Microchip Technology
MIC4680 MICROCHIP-MIC4680 Datasheet
2Mb / 24P
1A 200 kHz SuperSwitcher??Buck Regulator
09/14/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com