Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4681 Datasheet (PDF) - Micrel Semiconductor

MIC4681 Datasheet PDF - Micrel Semiconductor
Part # MIC4681
Download  MIC4681 Download
File Size   395.7 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2A-Peak SuperSwitcher??SOP-8 Buck Regulator

MIC4681 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4681 Datasheet PDF - Micrel Semiconductor

Part # MIC4681
Download  MIC4681 Click to download

File Size   395.7 Kbytes
Page   19 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2A-Peak SuperSwitcher??SOP-8 Buck Regulator

MIC4681 Datasheet (HTML) - Micrel Semiconductor


MIC4681 Product details

General Description
The MIC4681 SuperSwitcher™ is an easy-to-use step-down (buck) voltage-mode switching regulator. The 200kHz MIC4681 achieves over 1A of continuous output current over a 4V to 30V input range in an 8-lead SOPpackage . The MIC4681 features a high 2.1A minimum current limit, making the device ideal for pulsed current applications such as GSM and TDMA cell phone battery chargers and power supplies. The MIC4681 sustains an output of 4.2V/2A within a typical GSM charging environment.

Features
• SO-8 package with over 1A continuous output current
• Capable of 2A pulse charging for GSM applications
• All surface mount solution
• Only 4 external components required
• Fixed 200kHz operation
• Output adjustable down to 1.25V
• Internally compensated with fast transient response
• Wide 4V to 30V operating input voltage range
• Less than 6µA typical shutdown-mode current
• Up to 90% efficiency
• Thermal shutdown
• Overcurrent protection

Applications
• Cellular phone battery charger
• Cellular phone power supply
• Simple 1A continuous high-efficiency step-down (buck) regulator
• Replacement of a TO-220 and TO-263 designs
• Positive-to-negative converter (inverting buck-boost)
• Negative boost converter
• Higher output current regulator using external FET




Similar Part No. - MIC4681

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4681BM MICREL-MIC4681BM Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4681YM MICREL-MIC4681YM Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
More results


Similar Description - MIC4681

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4690 MICREL-MIC4690 Datasheet
225Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
MIC4682 MICREL-MIC4682 Datasheet
226Kb / 15P
PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
MIC4684 MICREL-MIC4684 Datasheet
213Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685 Datasheet
154Kb / 15P
3A SPAK SuperSwitcher??Buck Regulator
MIC4682 MICREL-MIC4682_07 Datasheet
912Kb / 15P
Precision Current Limit SOIC-8 SuperSwitcher??Buck Regulator
MIC4680 MICREL-MIC4680_08 Datasheet
890Kb / 15P
1A 200kHz SuperSwitcher Buck Regulator
MIC4681 MICREL-MIC4681_05 Datasheet
247Kb / 16P
2A-Peak SuperSwitcher SOP-8 Buck Regulator
MIC4684 MICREL-MIC4684_10 Datasheet
504Kb / 16P
2A High-Efficiency SuperSwitcher Buck Regulator
MIC4685 MICREL-MIC4685_10 Datasheet
336Kb / 17P
3A SPAK SuperSwitcher Buck Regulator
MIC4690 MICREL-MIC4690_05 Datasheet
280Kb / 12P
500kHz 1A SuperSwitcher Buck Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com