Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASWD-S2-0009-Q Datasheet (PDF) - Abracon Corporation

ASWD-S2-0009-Q Datasheet PDF - Abracon Corporation
Part # ASWD-S2-0009-Q
Download  ASWD-S2-0009-Q Download
File Size   1952.47 Kbytes
Page   17 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description AUTOMOTIVE 0.3 ~ 8.5 GHz GaAs SPDT RF Switch

ASWD-S2-0009-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
ASWD-S2-0009-Q Datasheet PDF - Abracon Corporation

Part # ASWD-S2-0009-Q
Download  ASWD-S2-0009-Q Click to download

File Size   1952.47 Kbytes
Page   17 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description AUTOMOTIVE 0.3 ~ 8.5 GHz GaAs SPDT RF Switch

ASWD-S2-0009-Q Datasheet (HTML) - Abracon Corporation


ASWD-S2-0009-Q Product details

Features
▪ AEC-Q100 Grade 1
▪ Control Voltage VCTL(H)=3.0 V typ.
▪ Low Insertion Loss
0.35 dB Typ. @f = 0.3 to 2.5 GHz
0.45 dB Typ. @f = 4.9 to 5.9 GHz
0.60 dB Typ. @f = 8.5 GHz
▪ High Isolation
28 dB Typ. @f = 0.3 to 2.5 GHz
27 dB Typ. @f = 4.9 to 5.9 GHz
18 dB Typ. @f = 8.5 GHz
▪ P-1dB = +31dBm Typ. @f = 0.3 GHz, 2.5 GHz, 5.9 GHz
▪ Wide Operating Temperature -40 to +125°C
▪ Weight 5. 4mg.Package with Wettable Flank ESON6-GC
(Package Size: 1.6 x 1.6 x 0.78 mm Typ.)
▪ RoHS Compliant| HALOGEN-FREE | MSL Level 1




Similar Part No. - ASWD-S2-0009-Q

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASWD-S2-0001 ABRACON-ASWD-S2-0001 Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-EVB ABRACON-ASWD-S2-0001-EVB Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0001-T ABRACON-ASWD-S2-0001-T Datasheet
1,010Kb / 11P
DC-8GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0002 ABRACON-ASWD-S2-0002 Datasheet
1,000Kb / 11P
DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
ASWD-S2-0002-EVB ABRACON-ASWD-S2-0002-EVB Datasheet
1,000Kb / 11P
DC~ 3.0GHz SPDT RF & Antenna Switch with Enhanced ESD Protection
A 8/28/2025
More results


Similar Description - ASWD-S2-0009-Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0005 MACOM-MASWSS0005 Datasheet
178Kb / 3P
GaAs SPDT Switch 0.05 - 3 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-226-PIN MACOM-SW-226-PIN Datasheet
141Kb / 4P
GaAs SPDT Switch DC - 4 GHz
logo
Hexawave, Inc
HWS301 HW-HWS301 Datasheet
116Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS398 HW-HWS398 Datasheet
116Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS418 HW-HWS418 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS450 HW-HWS450 Datasheet
80Kb / 2P
GaAs DC-6 GHz SPDT Switch
HWS2702 HW-HWS2702 Datasheet
115Kb / 2P
GaAs DC-2.0 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
GaAs DC-6 GHz SPDT Switch
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com