Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61 Datasheet (PDF) - Vishay Siliconix

M61 Datasheet PDF - Vishay Siliconix
Part # M61
Download  M61 Download
File Size   108.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8" Square Single-Turn Cermet Trimmer

M61 Datasheet (PDF)

Go To PDF Page Download Datasheet
M61 Datasheet PDF - Vishay Siliconix

Part # M61
Download  M61 Click to download

File Size   108.93 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 3/8" Square Single-Turn Cermet Trimmer

M61 Datasheet (HTML) - Vishay Siliconix


M61 Product details

FEATURES
• Wide ohmic range (10 Ω to 2 MΩ)
• Top and side adjust styles
• Easy to set with knob option (finger adjust)
• Available with extended shaft
• Available with cross-slot rotor
• Construction: sealed
• Industrial grade
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - M61

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M61-R10010 BRADY-M61-R10010 Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-BL BRADY-M61-R10010-BL Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-GN BRADY-M61-R10010-GN Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-MA BRADY-M61-R10010-MA Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
M61-R10010-RD BRADY-M61-R10010-RD Datasheet
101Kb / 1P
HandiMark® Material to BMP®61 and BradyPrinter M611 Material Cross-Reference
More results


Similar Description - M61

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M63P201KB40T607 VISHAY-M63P201KB40T607 Datasheet
88Kb / 3P
3/8 Square (10 mm) Single-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com