Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # M61
Description  3/8" Square Single-Turn Cermet Trimmer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M61 Datasheet(HTML) 2 Page - Vishay Siliconix

  M61 Datasheet HTML 1Page - Vishay Siliconix M61 Datasheet HTML 2Page - Vishay Siliconix M61 Datasheet HTML 3Page - Vishay Siliconix M61 Datasheet HTML 4Page - Vishay Siliconix M61 Datasheet HTML 5Page - Vishay Siliconix M61 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M61
www.vishay.com
Vishay Sfernice
Revision: 17-Oct-2025
2
Document Number: 51108
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
M61V
M61Y
TOP ADJUST: STYLE M, T
COMMON DIMENSIONS
M61M
M61T
SIDE ADJUST: STYLE B, C, J, X
COMMON DIMENSIONS
M61B
M61C
M61J
M61X
DIMENSIONS in millimeters (± 0.5 mm)
3
2
1
1.40
(0.055)
2.54
(0.100)
2.54
(0.100)
2.54
(0.100)
5.64
(0.222)
3.56 ± 0.25
(0.140 ± 0.010)
2
31
3.05 ± 0.38
(0.120 ± 0.015)
5.08
(0.200)
2.54
(0.100)
2.54
(0.100)
9.53
(0.375)
9.53
(0.375)
4.83
(0.190)
5.97 ± 0.89
(0.235 ± 0.035)
0.51 ± 0.05
(0.020 ± 0.002)
5.33
(0.210)
0.38
(0.015)
min.
Adj. slot
0.76
(0.030)
0.76
(0.030)
3.15
(0.124)
wide
x
x
deep
long
23
1
3.81
(0.150)
3.81
(0.150)
12 3
0.76 ± 0.38
(0.030 ± 0.015)
2.54
(0.100)
2.54
(0.100)
9.53
(0.375)
5.33
(0.210)
0.51 ± 0.05
(0.020 ± 0.002)
5.97 ± 0.89
(0.235 ± 0.035)
0.38
(0.015)
Adj. slot
0.76
(0.030)
0.76
(0.030)
3.15
(0.124)
wide
x
x
deep
long
9.53
(0.375)
min.
dia. pins
3.56 ± 0.25
(0.140 ± 0.010)
1
2
3
4.83
(0.190)
3.81
(0.150)
3.81
(0.150)
2.54
(0.100)
1
2
3
3.56 ± 0.25
(0.140 ± 0.010)
2.54
(0.100)
2.44
(0.096)
1
2
3
3.81
(0.150)
3.81
(0.150)
2
1
3
1.40 ± 0.25
(0.055 ± 0.010) 2.54
(0.100)
2.54
(0.100)
2.54
(0.100)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com