Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4430-1 Datasheet (PDF) - Analog Devices

ADA4430-1 Datasheet PDF - Analog Devices
Part # ADA4430-1
Download  ADA4430-1 Download
File Size   407.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power Video Filter with Power-Down

ADA4430-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4430-1 Datasheet PDF - Analog Devices

Part # ADA4430-1
Download  ADA4430-1 Click to download

File Size   407.22 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultralow Power Video Filter with Power-Down

ADA4430-1 Datasheet (HTML) - Analog Devices


ADA4430-1 Product details

FEATURES
Qualified for automotive applications
6th-order performance, low-pass video filter
1 dB flatness out to 8 MHz
50 dB rejection at 27 MHz
Ultralow power-down current: 0.1 μA typical
Low quiescent current: 1.85 mA typical
Excellent video specification
Differential gain: 0.25%
Differential phase: 0.10°
SAG correction
Allows use of small capacitors in ac-coupled outputs
Low supply voltage: 2.5 V to 6 V
Rail-to-rail output
High input-to-output isolation in disabled state
92 dB at 1 MHz
Low input bias current: 0.5 μA
Small packaging: SC70 and SOT-23 (automotive grade only)
Wide operating temperature range: −40°C to +125°C




Similar Part No. - ADA4430-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4430-1YKSZ-R7 AD-ADA4430-1YKSZ-R7 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4430-1YKSZ-RL AD-ADA4430-1YKSZ-RL Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4430-1YKSZ_R2 AD-ADA4430-1YKSZ_R2 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
More results


Similar Description - ADA4430-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4853-1 AD-ADA4853-1_07 Datasheet
491Kb / 16P
Low Power, Rail-to-Rail Output, Video Op Amps with Ultralow Power
REV. C
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
Ultra low power video buffer,filter with power-down
04-Aug-2008
logo
Texas Instruments
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150PBS TI1-TVP5150PBS Datasheet
1Mb / 68P
Ultralow-Power NTSC/PAL Video Decoder
logo
Analog Devices
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
Ultra-low Power Video Filter with Shut-down & SAG Correction
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com