Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH122 Datasheet (PDF) - STMicroelectronics

TSH122 Datasheet PDF - STMicroelectronics
Part # TSH122
Download  TSH122 Download
File Size   583.0 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low power video buffer,filter with power-down

TSH122 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSH122 Datasheet PDF - STMicroelectronics

Part # TSH122
Download  TSH122 Click to download

File Size   583.0 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra low power video buffer,filter with power-down

TSH122 Datasheet (HTML) - STMicroelectronics


TSH122 Product details

Description

The TSH122 is a video buffer that uses a voltage feedback amplifier, with an internal gain of 6 dB, an output rail-to-rail, an internal input DC-shift and a SAG correction. A power-down function allows

switching to a sleep mode with an ultra-low consumption.



Features

■ Very low consumption: 1.7 mA

■ Ultra low power-down mode: 4 nA typ., 500 nA max.

■ Internal 6th order reconstruction filter

■ Internal gain of 6 dB

■ Rail-to-rail output buffer for 75Ωvideo line

■ Excellent video performance

– Differential gain 0.5%

– Differential phase 0.10°

– Group delay of 10 ns

■ SAG correction

■ Bottom of video signal close to 0 V

■ Tested with 2.5 V and 3.3 V single supply

■ Data min. and max. are physically tested and guaranteed during production (consumption,

gain, filtering, and other parameters are guaranteed)





Applications

■ Mobile phones

■ Digital still camera

■ Digital video camera

■ Portable DVD players




Similar Part No. - TSH122

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH120 STMICROELECTRONICS-TSH120 Datasheet
177Kb / 13P
2.2V to 5V video buffer with SAG correction
21-Aug-2007
logo
TRACO Electronic AG
TSH1205S TRACOPOWER-TSH1205S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
logo
STMicroelectronics
TSH120ICT STMICROELECTRONICS-TSH120ICT Datasheet
177Kb / 13P
2.2V to 5V video buffer with SAG correction
21-Aug-2007
logo
TRACO Electronic AG
TSH1212D TRACOPOWER-TSH1212D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH1212S TRACOPOWER-TSH1212S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results


Similar Description - TSH122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC114 NSC-CLC114 Datasheet
270Kb / 10P
Quad, Low Power Video Buffer
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
logo
Wolfson Microelectronic...
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
logo
Analog Devices
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
Ultra-low Power Video Filter with Shut-down & SAG Correction
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Maxim Integrated Produc...
MAX9509 MAXIM-MAX9509 Datasheet
1Mb / 15P
1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com